Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC2244DMF Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC2244DMF
Description  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2244DMF Datasheet(HTML) 4 Page - ADDtek Corp

  AMC2244DMF Datasheet HTML 1Page - ADDtek Corp AMC2244DMF Datasheet HTML 2Page - ADDtek Corp AMC2244DMF Datasheet HTML 3Page - ADDtek Corp AMC2244DMF Datasheet HTML 4Page - ADDtek Corp AMC2244DMF Datasheet HTML 5Page - ADDtek Corp AMC2244DMF Datasheet HTML 6Page - ADDtek Corp AMC2244DMF Datasheet HTML 7Page - ADDtek Corp AMC2244DMF Datasheet HTML 8Page - ADDtek Corp AMC2244DMF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
4
DD006_E -- JUNE 2006
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply the operating ambient temperatures TA = 25°C, VS = ± 15V,
AV = +1, RL = 1000Ω.
AMC2244/2344/2444
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
AV = +1
120
AV = -1
60
AV = +2
60
AV = +5
12
VS = ± 15V,
AV = +10
6
-3dB Bandwidth (VOUT = 0.4V)
BW
VS = ± 5V,
AV = +1
80
MHz
VS = ± 15V
60
Gain Bandwidth Product
GBWP
VS = ± 5V
45
MHz
Phase Margin
PM
RL = 1 kΩ, CL = 10 pF
50
°
Channel Separation
f = 5 MHz
85
dB
VS = ± 15V, RL = 1000Ω
208
270
Slew Rate (Note 1)
SR
VS = ± 5V, RL = 500Ω
166
V/
µs
VS = ± 15V
3.33
4.3
Full Power Bandwidth (Note 3) FPBW
VS = ± 5V (Note 2)
10.6
MHz
Rise Time, Fall Time
tr, tf 0.1V Step
3.0
ns
Overshoot
0.1V Step
20
%
Propagation Delay
tPD
2.5
ns
VS = ± 15V, 10V Step
80
Settling Time (to 0.1%, AV = +1)
ts
VS = ± 5V, 5V Step
60
ns
Differential Gain (Note 2, 4)
dG
NTSC/PAL
0.04
%
Differential Phase (Note 2, 4)
dP
NTSC/PAL
0.15
°
Input Noise Voltage (Note 2)
eN
10kHz
15.0
nV/
√Hz
Input Noise Current (Note 2)
iN
10kHz
1.5
pA/
√Hz
Note 1:
Slew rate is measured on rising edge.
Note 2:
The parameter is guaranteed (but not tested) by design and characterization data.
Note 3:
For VS =
± 15V, VOUT = 20 VPP. For VS = ± 5V, VOUT = 5 VPP. Full power bandwidth is based on slew rate measurement using:
SR/(2
π × VPEAK)
Note 4:
Video performance measured at VS = ± 15V, AV = +2 with 2 times normal video level across RL = 150Ω. This corresponds to standaard
video levels across a back-terminal 75
Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com