Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC2444DM Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC2444DM
Description  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2444DM Datasheet(HTML) 3 Page - ADDtek Corp

  AMC2444DM Datasheet HTML 1Page - ADDtek Corp AMC2444DM Datasheet HTML 2Page - ADDtek Corp AMC2444DM Datasheet HTML 3Page - ADDtek Corp AMC2444DM Datasheet HTML 4Page - ADDtek Corp AMC2444DM Datasheet HTML 5Page - ADDtek Corp AMC2444DM Datasheet HTML 6Page - ADDtek Corp AMC2444DM Datasheet HTML 7Page - ADDtek Corp AMC2444DM Datasheet HTML 8Page - ADDtek Corp AMC2444DM Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
3
DD006_E -- JUNE 2006
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply the operating ambient temperatures TA = 25°C, VS = ± 15V,
RL = 1000Ω.
AMC2244/2344/2444
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
0.5
4.0
Input Offset Voltage
VOS
TA = 0°C - 70°C (Note 1)
9.0
mV
Average Offset Voltage Drift
TCVOS
10.0
µV/°C
VS = ± 15V
2.4
8.2
Input Bias Current
IB
VS = ± 5V
2.4
µA
VS = ± 15V
50
300
Input Offset Current
IOS
VS = ± 5V
500
nA
Average Offset Current Drift
TCIOS
0.3
nA/°C
VS = ± 15V, VOUT = ± 10V, RL = 1000Ω
800
1500
VS = ± 5V, VOUT = ± 2.5V, RL = 500Ω
1200
Open-Loop Gain
AVOL
VS = ± 5V, VOUT = ± 2.5V, RL = 150Ω
1000
V/V
Power Supply Rejection Ratio
PSRR VS = ± 5V to ± 15V
60
80
dB
Common Mode Rejection Ratio CMRR VCM = ± 12V, VOUT = 0V
70
90
dB
VS = ± 15V
± 14.0
VS = ± 5V
± 4.2
Common Mode Input Rang
CMIR
VS = + 5V
4.2/0.1
V
VS = ± 15V, RL = 1000Ω
± 13.4 ± 13.8
VS = ± 15V, RL = 500Ω
± 12.2 ± 13.6
VS = ± 5V, RL = 500Ω
± 3.4
± 3.9
VS = ± 5V, RL = 150Ω
± 3.6
Output Voltage Swing
VOUT
VS = + 5V, RL = 500Ω
3.6/0.4 3.9/0.2
V
40
75
Output Short Circuit Current
ISC
TA = 0°C - 70°C (Note 1)
35
mA
VS = ± 15V, No Load
7.0
8.2
Supply Current
IS
VS = ± 5V, No Load
5.6
mA
Differential
150
k
Ω
Input Resistance
RIN
Common-Mode
15
M
Ω
Input Capacitance
CIN
AV = + 1 @ 10MHz
1.0
pF
Output Resistance
ROUT AV = + 1
50
m
Ω
Dual Supply
± 2.0
± 18.0
Power Supply Operating Range
PSOR
Single Supply
2.5
36.0
V
Note1: The parameter is guaranteed (but not tested) by design and characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com