Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC2444DMF Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC2444DMF
Description  DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2444DMF Datasheet(HTML) 2 Page - ADDtek Corp

  AMC2444DMF Datasheet HTML 1Page - ADDtek Corp AMC2444DMF Datasheet HTML 2Page - ADDtek Corp AMC2444DMF Datasheet HTML 3Page - ADDtek Corp AMC2444DMF Datasheet HTML 4Page - ADDtek Corp AMC2444DMF Datasheet HTML 5Page - ADDtek Corp AMC2444DMF Datasheet HTML 6Page - ADDtek Corp AMC2444DMF Datasheet HTML 7Page - ADDtek Corp AMC2444DMF Datasheet HTML 8Page - ADDtek Corp AMC2444DMF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AMC2244/AMC2344/AMC2444
Copyright
© 2006 2006 ADDtek Corp.
2
DD006_E -- JUNE 2006
SIMPLIFIED SCHEMATIC (PER AMPLIFIER)
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VS
± 18V or 36V
Input Voltage, VIN
± VS
Differential Input Voltage, d VIN
± 10V
Operating Junction Temperature Range, TJ (max)
150°C
Storage Temperature Range
-65
OC to 150OC
Lead Temperature (soldiering, 10 seconds)
260°C
Note 1:
Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into,
negative out of the specified terminal.
THERMAL DATA
M PACKAGE:
Thermal Resistance-Junction to Ambient,
θ JA
95°C /W
DM PACKAGE:
Thermal Resistance-Junction to Tab,
θ JT
125°C /W
N PACKAGE:
Thermal Resistance-Junction to Ambient,
θ JA
70°C /W
D PACKAGE:
Thermal Resistance-Junction to Tab,
θ JT
110°C /W
Junction Temperature Calculation: TJ = TA+ (PD × θ JA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
V-
V+
IN+
OUT
IN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com