Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC34063ADM Datasheet(PDF) 6 Page - ADDtek Corp

Part # AMC34063ADM
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC34063ADM Datasheet(HTML) 6 Page - ADDtek Corp

  AMC34063ADM Datasheet HTML 1Page - ADDtek Corp AMC34063ADM Datasheet HTML 2Page - ADDtek Corp AMC34063ADM Datasheet HTML 3Page - ADDtek Corp AMC34063ADM Datasheet HTML 4Page - ADDtek Corp AMC34063ADM Datasheet HTML 5Page - ADDtek Corp AMC34063ADM Datasheet HTML 6Page - ADDtek Corp AMC34063ADM Datasheet HTML 7Page - ADDtek Corp AMC34063ADM Datasheet HTML 8Page - ADDtek Corp AMC34063ADM Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AMC34063A
Copyright
© 2006 ADDtek Corp.
6
DD014_E -- JUNE 2006
Figure 3 – Voltage Inverting Converters
Note: For step-up, step-down or voltage inverting applications requiring peak current greater than 1.5A, external boost current circuitry by NPN or
PNP transistors can be used.
1.25V
Reference
C
T
1500pF
-12V/100mA
V
OUT
1000uF
4
3
L
1N5819
88uH
2
1
Q2
Q1
V
IN
3.6K
5
6
1.2K
4.5V to 6.0V
100uF
Ipk
Oscillator
R
7
Q
S
8
0.24
Rsc
8.2K
953
R1
R2
Co



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com