Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNS00PR Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BNS00PR
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BNS00PR Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BNS00PR Datasheet HTML 1Page - Balluff Korea Ltd. BNS00PR Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Cam Switches
BNS 813-D02-D12-100-10-01-FD
Order Code: BNS00PR
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-02
Subject to change without notice: 216962
ETIM 6.0: EC001829
BNS00PR_0.132_2024-08-01
1 / 2
1) Reference edge, 2) Sealing ring, 3) Function indicator FD/FE/LL, 4) Cable passage, 5) Mark. Safety switch position
Basic features
Approval/Conformity
CE
UKCA
CCC
WEEE
Basic standard
IEC 60947-5-1
DIN switch
DIN 43697
Operating principle
1-2. Switch position: Mechanical
Version
Safety EN 60204-1
Display/Operation
Function indicator
1-2. Switch position: FD - 6…60 V
Electrical connection
Connection type
1-2. Switch position: Screw
terminal
Electrical data
Continuous current
1-2. Switch position: 6 A
Rated operating voltage Ue
1-2. Switch position: 250 V AC
Switching rate
1-2. Switch position: 300/min
Environmental conditions
Ambient temperature
-5...85 °C
IP rating
IP67
Functional safety
B10d (EN ISO 13849-1)
BSE 30.0: 30 mil. switching cycles
BSE 61: 30 mil. switching cycles
Material
Housing material
Aluminium, Anodized
Housing material, surface protection
Anodized
Material contacts
1. Switch position: Fine silver
2. Switch position: Silver, gold
plated
Plunger material
1-2. Switch position: 1.4034
stainless steel


Similar Part No. - BNS00PR

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS00PP BALLUFF-BNS00PP Datasheet
141Kb / 2P
Mechanical Cam Switches
2024-08-28
BNS00PT BALLUFF-BNS00PT Datasheet
139Kb / 2P
Mechanical Cam Switches
2024-08-01
BNS00PU BALLUFF-BNS00PU Datasheet
96Kb / 2P
Mechanical Cam Switches
2024-08-01
BNS00PW BALLUFF-BNS00PW Datasheet
91Kb / 2P
Mechanical Cam Switches
2024-08-25
BNS00PY BALLUFF-BNS00PY Datasheet
98Kb / 2P
Mechanical Cam Switches
2024-08-28
More results

Similar Description - BNS00PR

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS000A BALLUFF-BNS000A Datasheet
105Kb / 2P
Mechanical Cam Switches
0.116_2022-06-11
BNS000C BALLUFF-BNS000C Datasheet
125Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS004Y BALLUFF-BNS004Y Datasheet
103Kb / 2P
Mechanical Cam Switches
0.114_2022-06-11
BNS04LT BALLUFF-BNS04LT Datasheet
121Kb / 2P
Mechanical Cam Switches
2_2022-05-17
BNS04WR BALLUFF-BNS04WR Datasheet
233Kb / 2P
Mechanical Cam Switches
1.2_2022-05-1
BNS0019 BALLUFF-BNS0019 Datasheet
111Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS009J BALLUFF-BNS009J Datasheet
119Kb / 2P
Mechanical Cam Switches
4_2022-05-17
BNS009M BALLUFF-BNS009M Datasheet
129Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS0469 BALLUFF-BNS0469 Datasheet
111Kb / 2P
Mechanical Cam Switches
2.2_2022-05-17
BNS0482 BALLUFF-BNS0482 Datasheet
117Kb / 2P
Mechanical Cam Switches
1_2022-05-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com