Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7585-ADJSJF Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC7585-ADJSJF
Description  5A LOW DROPOUT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7585-ADJSJF Datasheet(HTML) 5 Page - ADDtek Corp

  AMC7585-ADJSJF Datasheet HTML 1Page - ADDtek Corp AMC7585-ADJSJF Datasheet HTML 2Page - ADDtek Corp AMC7585-ADJSJF Datasheet HTML 3Page - ADDtek Corp AMC7585-ADJSJF Datasheet HTML 4Page - ADDtek Corp AMC7585-ADJSJF Datasheet HTML 5Page - ADDtek Corp AMC7585-ADJSJF Datasheet HTML 6Page - ADDtek Corp AMC7585-ADJSJF Datasheet HTML 7Page - ADDtek Corp AMC7585-ADJSJF Datasheet HTML 8Page - ADDtek Corp AMC7585-ADJSJF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AMC7585
Copyright
© 2007 ADDtek Corp.
5
DD041_G
--
OCTOBER 2007
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = VOUT + 1.5V, IO = 10mA. These specifications apply operating ambient temperature
range, and are for DC characteristics only. (Low duty cycle pulse testing techniques are used which maintains
junction and case temperatures equal to the ambient temperature.)
AMC7585
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
AMC7585-2.5
2.475
2.500
2.525
AMC7585-3.3
3.267
3.300
3.333
Output Voltage
AMC7585-5.0
VOUT
IO = 10mA, TA = 25
OC
4.950
5.000
5.050
V
AMC7585-2.5
2.450
2.500
2.550
AMC7585-3.3
3.234
3.300
3.366
Output Voltage
AMC7585-5.0
VOUT
VIN = VOUT + 1.5V to 10V,
IO = 0mA to 5A
4.900
5.000
5.100
V
(Note 1)
1.238
1.250
1.262
Reference
Voltage
AMC7585-ADJ
VREF
IO = 10mA to 5A, (Note 1)
1.230
1.250
1.270
V
Line Regulation (Note 2)
ΔVOI (1.5V + V
OUT) ≤ VIN
≤ 7V
0.04
0.2
%
Load Regulation (Note 2)
ΔVOL
IO=10mA to 5A
0.2
0.4
%
Dropout Voltage
ΔV
IO = 5A (Note 3)
1.30
1.50
V
Quiescent Current
( for AMC7585-X.X)
IQ
VIN ≤ 7V, IO = 10mA to 3A
8
13
mA
Adjust Pin Current
( for AMC7585-ADJ)
IADJ
50
120
µA
Current Limit
ICL
(VIN - VOUT)=2V
5.1
6.8
A
Minimum Load Current (Note 4)
Imin
5
10
mA
Ripple Rejection (Note 5)
RR
VRIPPLE = 1VPP, IO = 100mA,
fO=120Hz
60
80
dB
Note 1
Output voltage is set to be 2.5V.
Note 2:
Line and load regulations are guaranteed up to maximum power dissipation determined by input/output differential and the output current.
However, the maximum power will not be available over the full input/output voltage range.
Note 3:
The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Note 4:
The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set
the output voltage is selected to meet the minimum load current requirement.
Note 5:
These parameters, although guaranteed, are not tested in production prior to shipment



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com