Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC420VR-05-R6 Datasheet(PDF) 2 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCC420VR-05-R6
Description  RMS and peak velocity loop powered sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCC420VR-05-R6 Datasheet(HTML) 2 Page - Amphenol Wilcoxon Sensing Technologies.

  PCC420VR-05-R6 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCC420VR-05-R6 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice. This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
An Amphenol Company
buy.wilcoxon.com
www.wilcoxon.com
99350 Rev.A.2 06/21
Page
2 of 2
PCC420V series
RMS and peak velocity
loop powered sensors
Notes: 1 Maximum loop resistance (R
L) can be calculated by:
R
L =
2
Lower resistance is allowed, greater than 10 Ω
recommended.
3
Minimum R
L wattage determined by: (0.0004 x RL).
V
DC power – 10 V
20 mA
DC supply
voltage
R
L (max
resistance)2
R
L (minimum
wattage capability)3
12 VDC
100 Ω
1/8 watt
20 VDC
500 Ω
1/4 watt
24 VDC
700 Ω
1/2 watt
26 VDC
800 Ω
1/2 watt
30 VDC
1,000 Ω
1/2 watt
SPECIFICATIONS
Accessories supplied: SF6 mounting stud; calibration data (level 2)
Full scale, 20 mA, ±5%
see Table 1 on page 1
Frequency response:
±10%
±3 dB
10 Hz - 1.0 kHz
3.5 Hz - 2.0 kHz
Repeatability
±2%
Transverse sensitivity, max
5%
Power requirements, 2-wire loop power:
Voltage at sensor terminals
12 - 30 VDC
Loop resistance1 at 24 VDC, max
700 Ω
Turn on time, 4-20 mA loop
30 seconds
Grounding
case isolated, internally shielded
Operating temperature range
–40° to +105° C
Vibration limit
250 g peak
Shock limit
2,500 g peak
Sealing
hermetic
Sensing element design
PZT, shear
Weight
120 grams
Case material
316L stainless steel
Mounting
1/4-28 UNF tapped hole
Output connector
2-pin MIL-C-5015 or 4-pin M12
Mating connector
R6 type
Recommended cabling
J9T2A
Connections (-R6 models)
Function
Connector pin
loop positive (+)
A
loop negative (-)
B
ground
shell
Connections (-M12 models)
Function
Connector pin
loop positive (+)
1
loop negative (-)
2
N/C
3
N/C
4
ground
shell
Typical circuit
Model
PC420V
+
DC power
supply
RL
Signal measuring equipment
Pin A, 4-20 plus
Pin B, 4-20 minus
PLC / DCS
Model
PCC420V
2 PIN
15/16" hex
1/4-28
mounting hole
1.0"
1.78"
2.42"



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com