Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC421VP-05-R6 Datasheet(PDF) 2 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCC421VP-05-R6
Description  Loop powered sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCC421VP-05-R6 Datasheet(HTML) 2 Page - Amphenol Wilcoxon Sensing Technologies.

  PCC421VP-05-R6 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCC421VP-05-R6 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
2
99029 Rev.B.3 11/19
PCC421 series
Loop powered sensors
SPECIFICATIONS
Accessories supplied: Mounting screw; calibration data (level 2)
Output, 4-20 mA
see Table 1 on page 1
Full scale, 4-20 mA, ±5%
selectable (see Table 1)
Frequency response, 4-20 mA
see Table 2, below
Repeatability
±2%
Transverse sensitivity, max
5%
Power requirements (2-wire loop power):
Voltage at sensor terminals
12 - 30 VDC
Loop resistance1 at 24 VDC, max
700 Ω
Turn on time, 4-20 mA loop
<30 seconds
Grounding
case isolated, internally shielded
Temperature range
–40° to +105° C
Vibration limit
250 g peak
Shock limit
2,500 g peak
Sealing
hermetic
Sensing element design
PZT, shear
Weight
145 grams
Case material
stainless steel
Mounting
captive screw, 1/4-28 or M6
Output connector
2 pin MIL-C-5015 or 4 pin M12
MIL-C-5015 pin out (-R6 models)
Function
Connector pin
loop positive (+)
A
loop negative (–)
B
ground
shell
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
buy.wilcoxon.com
www.wilcoxon.com
Notes: 1 Maximum loop resistance (R
L) can be calculated by:
R
L =
2
Lower resistance is allowed, greater
than 10 Ω recommended.
3
Minimum R
L wattage determined by:
(0.0004 x R
L).
V
DC power – 10 V
20 mA
DC supply
voltage
R
L (max
resistance)2
R
L (minimum
wattage capability)3
12 VDC
100 Ω
1/8 watt
20 VDC
500 Ω
1/4 watt
24 VDC
700 Ω
1/2 watt
26 VDC
800 Ω
1/2 watt
30 VDC
1,000 Ω
1/2 watt
PCC421xx-yy-R6
PCC421xx-yy-M12-4
Table 2: PCC421 frequency response
Acceleration
±10%
10 Hz - 1 kHz
±3 dB
1 Hz - 2 kHz
Velocity
±10%
10 Hz - 1 kHz
±3 dB
3.5 Hz - 2 kHz
M12 pin out (-M12-4 models)
Function
Connector pin
loop positive (+)
1
loop negative (–)
2
N/C
3
N/C
4
ground
shell
.99 [25.15mm]
4 pin M12 connector
1.01 [25.67mm]
.24 [6.08mm]
Ø.046 [Ø1.17mm] thru
2.13 [54.00mm]
1.15 [29.33mm]
M6
mounting
threads
2 pin MIL-C-5015 connector
.99 [25.15mm]
1.01 [25.67mm]
.24 [6.08mm]
Ø.046 [Ø1.17mm] thru
2.30 [58.49mm]
1.15 [29.33mm]
1/4-28
mounting
threads



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com