Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOF-1917-MI Datasheet(PDF) 2 Page - Eravant

Part # SOF-1917-MI
Description  U-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 44 to 56 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SOF-1917-MI Datasheet(HTML) 2 Page - Eravant

  SOF-1917-MI Datasheet HTML 1Page - Eravant SOF-1917-MI Datasheet HTML 2Page - Eravant SOF-1917-MI Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOF-1917-MI
Rev. 1.1
www.sagemillimeter.com | 3043 Kashiwa Street, Torrance, CA 90505
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: sales@sagemillimeter.com
Page | 2
U-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 44 to 56 GHz
Copyright © 2018 by SAGE Millimeter, Inc.
Mechanical Outline: (Unless otherwise specified, all dimensions are in inches [millimeters])
8
12
16
20
24
28
32
43.0
46.5
50.0
53.5
57.0
100
120
140
160
180
200
220
240
Micrometer Reading (Mils)
Frequency and Power Output vs. Micrometer Reading
Bias: +4.2 VDC /680 mA
Frequency (GHz)
Power (dBm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com