Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMB1 Datasheet(PDF) 1 Page - France Joint

Part # COMB1
Description  COMBI SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

COMB1 Datasheet(HTML) 1 Page - France Joint

  COMB1 Datasheet HTML 1Page - France Joint COMB1 Datasheet HTML 2Page - France Joint COMB1 Datasheet HTML 3Page - France Joint COMB1 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The COMB1 profile is a combi seal
composed of a metal cage, a TC-TCW
shaft seal and a felt or polyurethane
foam anti-pollution deflector.
ADVANTAGES
Long lifespan
Moderate/high rotation speeds
Small axial displacements
APPLICATIONS
Agriculture
Transmissions
Rotations during high levels of pollution
|
TECHNICAL DATA
Technical data
NBR 70 - 75
Shore A
FKM 70 - 75
Shore A
ACM 70 - 75
Shore A
HNBR 70 - 75
Shore A
Temperature
-30°C / +80°C
-20°C/+100°C
-25°C/+90°C
-30°C/+90°C
Speed
5 m/s
10 m/s
7 m/s
7 m/s
Pressure
0.02 - 0.05 MPa 0.02 - 0.05 MPa 0.02 - 0.05 MPa 0.02 - 0.05 MPa
Accepted axial offset
Low
Low
Low
Low
Level of pollution
Normal
Normal
Normal
Normal
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
MATERIALS
Rubber
NBR 70 - 75 Shore A
Deflector
Felt
PU foam
Metal cage
Steel - AISI 1010
Spring
Steel - AISI 1070 - 1090
COMBI SEALS
COMB1
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
COMBI SEALS |
COMB1


Similar Part No. - COMB1

ManufacturerPart #DatasheetDescription
logo
France Joint
COMB2 FRANCEJOINT-COMB2 Datasheet
379Kb / 3P
COMBI SEALS
COMB20 FRANCEJOINT-COMB20 Datasheet
445Kb / 3P
COMBI SEALS
COMB3 FRANCEJOINT-COMB3 Datasheet
422Kb / 4P
COMBI SEALS
COMB3130X154X18 FRANCEJOINT-COMB3130X154X18 Datasheet
422Kb / 4P
COMBI SEALS
COMB330X44X14 FRANCEJOINT-COMB330X44X14 Datasheet
422Kb / 4P
COMBI SEALS
More results

Similar Description - COMB1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP12N100U1 IXYS-IXGP12N100U1 Datasheet
116Kb / 4P
IGBT - Combi Pack
logo
Microsemi Corporation
APT15GP60BDL MICROSEMI-APT15GP60BDL Datasheet
212Kb / 9P
Resonant Mode Combi IGBT
APT30GN60B MICROSEMI-APT30GN60B Datasheet
129Kb / 6P
Resonant Mode Combi IGBT
APT30GS60BRDL MICROSEMI-APT30GS60BRDL Datasheet
214Kb / 9P
Resonant Mode Combi IGBT
APT30GT60BRDL MICROSEMI-APT30GT60BRDL Datasheet
202Kb / 9P
Resonant Mode Combi IGBT
APT100GT60JRDL MICROSEMI-APT100GT60JRDL Datasheet
206Kb / 9P
Resonant Mode Combi IGBT
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com