Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMB2 Datasheet(PDF) 1 Page - France Joint

Part # COMB2
Description  COMBI SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

COMB2 Datasheet(HTML) 1 Page - France Joint

  COMB2 Datasheet HTML 1Page - France Joint COMB2 Datasheet HTML 2Page - France Joint COMB2 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
The COMB2 profile is a combi seal
composed of a metal cage, a TC-
TCW shaft seal and a compact
polyurethane anti-pollution deflector.
ADVANTAGES
Long lifespan
Moderate/high rotation speeds
Small axial displacements
Moderate/high protection
against external dirt
APPLICATIONS
Agriculture
Transmissions
Rotations during high levels of pollution
|
TECHNICAL DATA
Technical data
NBR 70 - 75
Shore A
FKM 70 - 75
Shore A
ACM 70 - 75
Shore A
HNBR 70 - 75
Shore A
Temperature
-30°C / +80°C
-20°C/+100°C
-25°C/+90°C
-30°C/+90°C
Speed
4 m/s
6 m/s
5 m/s
5 m/s
Pressure
0.02 - 0.05 MPa 0.02 - 0.05 MPa 0.02 - 0.05 MPa 0.02 - 0.05 MPa
Accepted axial offset
Low
Low
Low
Low
Level of pollution
Normal -
Moderate
Normal -
Moderate
Normal -
Moderate
Normal -
Moderate
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
MATERIALS
Rubber
NBR 70 - 75 Shore A
FKM 70 - 75 Shore A
Deflector
PU 92 Shore A
PU 94 Shore A
Metal cage
Steel - AISI 1010
Spring
Steel - AISI 1070 - 1090
COMBI SEALS
COMB2
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
COMBI SEALS |
COMB2


Similar Part No. - COMB2

ManufacturerPart #DatasheetDescription
logo
France Joint
COMB20 FRANCEJOINT-COMB20 Datasheet
445Kb / 3P
COMBI SEALS
More results

Similar Description - COMB2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP12N100U1 IXYS-IXGP12N100U1 Datasheet
116Kb / 4P
IGBT - Combi Pack
logo
Microsemi Corporation
APT15GP60BDL MICROSEMI-APT15GP60BDL Datasheet
212Kb / 9P
Resonant Mode Combi IGBT
APT30GN60B MICROSEMI-APT30GN60B Datasheet
129Kb / 6P
Resonant Mode Combi IGBT
APT30GS60BRDL MICROSEMI-APT30GS60BRDL Datasheet
214Kb / 9P
Resonant Mode Combi IGBT
APT30GT60BRDL MICROSEMI-APT30GT60BRDL Datasheet
202Kb / 9P
Resonant Mode Combi IGBT
APT100GT60JRDL MICROSEMI-APT100GT60JRDL Datasheet
206Kb / 9P
Resonant Mode Combi IGBT
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com