Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMB20 Datasheet(PDF) 1 Page - France Joint

Part # COMB20
Description  COMBI SEALS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

COMB20 Datasheet(HTML) 1 Page - France Joint

  COMB20 Datasheet HTML 1Page - France Joint COMB20 Datasheet HTML 2Page - France Joint COMB20 Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
The COMB20 profile is a combi seal
composed of a metal cage with a
polyurethane coating covering half
of the outside of the cage, 2 special
type SC shaft seals assembled
in opposite side, a compact
polyurethane anti-pollution deflector
and an additional anti-pollution
sealing lip bonded in polyurethane.
ADVANTAGES
Long lifespan
Moderate rotation speeds
Elevated axial displacements
Strong protection against external dirt
Increased steering possibilities
Less sensitive to shaft eccentricities
Very good static sealing
APPLICATIONS
Agriculture
Transmissions
Rotations during high levels of pollution
|
TECHNICAL DATA
Technical data
NBR 70 - 75
Shore A
FKM 70 - 75
Shore A
ACM 70 - 75
Shore A
HNBR 70 - 75
Shore A
Temperature
-30°C / +80°C
-20°C/+100°C
-25°C/+90°C
-30°C/+90°C
Speed
4 m/s
6 m/s
5 m/s
5 m/s
Pressure
0.02 - 0.05 MPa 0.02 - 0.05 MPa 0.02 - 0.05 MPa 0.02 - 0.05 MPa
Accepted axial offset
High
High
High
High
Level of pollution
High
High
High
High
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
MATERIALS
Rubber
NBR 70 - 75 Shore A
FKM 70 - 75 Shore A
Deflector
PU 92 Shore A
PU 94 Shore A
Metal cage
Steel - AISI 1010
Spring
Steel - AISI 1070 - 1090
COMBI SEALS
COMB20
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
COMBI SEALS |
COMB20


Similar Part No. - COMB20

ManufacturerPart #DatasheetDescription
logo
France Joint
COMB2 FRANCEJOINT-COMB2 Datasheet
379Kb / 3P
COMBI SEALS
More results

Similar Description - COMB20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP12N100U1 IXYS-IXGP12N100U1 Datasheet
116Kb / 4P
IGBT - Combi Pack
logo
Microsemi Corporation
APT15GP60BDL MICROSEMI-APT15GP60BDL Datasheet
212Kb / 9P
Resonant Mode Combi IGBT
APT30GN60B MICROSEMI-APT30GN60B Datasheet
129Kb / 6P
Resonant Mode Combi IGBT
APT30GS60BRDL MICROSEMI-APT30GS60BRDL Datasheet
214Kb / 9P
Resonant Mode Combi IGBT
APT30GT60BRDL MICROSEMI-APT30GT60BRDL Datasheet
202Kb / 9P
Resonant Mode Combi IGBT
APT100GT60JRDL MICROSEMI-APT100GT60JRDL Datasheet
206Kb / 9P
Resonant Mode Combi IGBT
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com