Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSTS4T-RKTS4T-722 Datasheet(PDF) 1 Page - Belden Inc.

Part # RSTS4T-RKTS4T-722
Description  M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin, T-coded, shielded, blue body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSTS4T-RKTS4T-722 Datasheet(HTML) 1 Page - Belden Inc.

  RSTS4T-RKTS4T-722 Datasheet HTML 1Page - Belden Inc. RSTS4T-RKTS4T-722 Datasheet HTML 2Page - Belden Inc. RSTS4T-RKTS4T-722 Datasheet HTML 3Page - Belden Inc. RSTS4T-RKTS4T-722 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: RSTS 4T-RKTS 4T-722
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin,
T-coded, shielded, blue body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50
mm²
Product Description
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin, T-coded, shielded, blue body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
Technical Drawing


Similar Part No. - RSTS4T-RKTS4T-722

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSTS4T-RKTS4T-722SW BELDEN-RSTS4T-RKTS4T-722SW Datasheet
714Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin, T-coded, shielded, black body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
More results

Similar Description - RSTS4T-RKTS4T-722

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCRB151141C2 SCHNEIDER-XZCRB151141C2 Datasheet
89Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 2m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
logo
Molex Electronics Ltd.
1200835183 MOLEX-1200835183 Datasheet
27Kb / 1P
Ultra-Lock (M12) Double-Ended Cordset, 8 Poles, Female (Straight) to Male (Straight) Shielded Cordset, 0.25mm² PUR/PVC Cable, 1.0m (3.28) Length
09/23/2022
1201080199 MOLEX-1201080199 Datasheet
46Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 2.0m (6.56) Length
02/02/2023
1201080237 MOLEX-1201080237 Datasheet
28Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 3.0m (9.84) Length
01/31/2023
1201080242 MOLEX-1201080242 Datasheet
27Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 9.0m (29.53) Length
02/02/2023
1201080243 MOLEX-1201080243 Datasheet
28Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 10.0m (32.81) Length
02/20/2023
1201080244 MOLEX-1201080244 Datasheet
27Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 12.0m (6.56) Length
01/31/2023
1201080245 MOLEX-1201080245 Datasheet
27Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, Shielded PUR Cable, 14.0m (45.93) Length
02/01/2023
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com