Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAS3K075GREY Datasheet(PDF) 2 Page - Belden Inc.

Part # STAS3K075GREY
Description  Sinlge-Ended Cordset (ST Series): Male, straight with safety bracket, 3-pinPE, grey housing, 400 V AC/230 V DC, 10 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

STAS3K075GREY Datasheet(HTML) 2 Page - Belden Inc.

  STAS3K075GREY Datasheet HTML 1Page - Belden Inc. STAS3K075GREY Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conductor Cross Section:
0.75 mm²
Ambient Temperature (Operation)*:
-30°C to +90°C, notice Derating
Protection Degree / IP Rating**:
IP54
Design Standard:
DIN EN 61984 (VDE 0627)
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Clearance / Creepage Distance:
DIN EN 60664-1 (2008/01); VDE 0110-1
Materials
Contact Base Material:
CuZn
Contact Plating:
Cu/Sn
Contact Bearer Material:
PA GF
Contact Bearer Color:
black
Flammability Class (Contact Bearer):
UL 94 HB
Molded Body Material:
PA GF
Housing Color:
grey
Flammability Class (Housing):
UL 94 HB
Cable Data
Cable Number:
H05RR-F 4G0.75
Cable Length:
1 m
Conductor Size:
0.75 mm²
Number of Wires:
4
Cable Jacket Material:
EM 3 (EPDM)
Wire Insulation Material:
EI 4 (EPDM)
Ambient Temperature (Fixed Installation): -25°C to +60°C
Approvals
VDE:
VDE 61984
SEV:
SEV
Notes
Note Derating:
* Notice derating
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Note:
Do not connect or disconnect under load.
Variants
Item #
Item Description
Cable Length
931300055 STAS 3 k 075 SI 1m 1 m
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com