Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1619706 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1619706
Description  CA-16S1N128007 - Cable connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1619706 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1619706 Datasheet HTML 1Page - PHOENIX CONTACT 1619706 Datasheet HTML 2Page - PHOENIX CONTACT 1619706 Datasheet HTML 3Page - PHOENIX CONTACT 1619706 Datasheet HTML 4Page - PHOENIX CONTACT 1619706 Datasheet HTML 5Page - PHOENIX CONTACT 1619706 Datasheet HTML 6Page - PHOENIX CONTACT 1619706 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Circular connector (cable-side)
Data management status
Article revision
05
Connector
Connection 1
Head design
Socket
Insulating body
Coding
N
Insulation body material
PBT
Contact material
CuZn
Contact surface material
Ni/Au
Insertion/withdrawal cycles
100
Connection method
Solder connection
Contact switching type
Socket
Application
Signal
Number of positions
16
Direction of rotation
Standard
Connection profile
16
48 V AC
Rated voltage
74 V DC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Contact diameter
Signal contacts
1 mm
Litz wire cross-section
Signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Housing
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-
Zn)
Type of locking
Screw locking mechanism
Pg screw connection
none
Degree of protection (plugged in)
IP67
Thread type
M23
Seal
External cable diameter
6 mm ... 10 mm
Seal material
NBR
CA-16S1N128007 - Cable connector
1619706
https://www.phoenixcontact.com/us/products/1619706
Nov 7, 2024, 6:30 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com