Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8313
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313 Datasheet(HTML) 2 Page - Analog Devices

  AD8313 Datasheet HTML 1Page - Analog Devices AD8313 Datasheet HTML 2Page - Analog Devices AD8313 Datasheet HTML 3Page - Analog Devices AD8313 Datasheet HTML 4Page - Analog Devices AD8313 Datasheet HTML 5Page - Analog Devices AD8313 Datasheet HTML 6Page - Analog Devices AD8313 Datasheet HTML 7Page - Analog Devices AD8313 Datasheet HTML 8Page - Analog Devices AD8313 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Data Sheet
AD8313
TABLE OF CONTENTS
analog.com
Rev. F | 2 of 23
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Absolute Maximum Ratings...................................6
ESD Caution.......................................................6
Pin Configuration and Function Description.......... 7
Typical Performance Characteristics..................... 8
Circuit Description................................................11
Interfaces.............................................................13
Power-Down Interface, PWDN.........................13
Signal Inputs, INHI, INLO................................. 13
Logarithmic/Error Output, VOUT...................... 13
Setpoint Interface, VSET..................................13
Applications Information...................................... 15
Basic Connections for Log (RSSI) Mode..........15
Operating in Controller Mode........................... 15
Input Coupling.................................................. 15
Narrow-Band LC Matching Example at 100
MHz................................................................ 16
Adjusting the Log Slope................................... 18
Increasing Output Current................................ 18
Effect of Waveform Type on Intercept.............. 19
Evaluation Board................................................. 20
Schematic and Layout......................................20
General Operation............................................20
Using the AD8009 Operational Amplifier..........20
Varying the Logarithmic Slope..........................20
Operating in Controller Mode........................... 20
RF Burst Response.......................................... 20
Outline Dimensions............................................. 23
Ordering Guide.................................................23
Evaluation Boards............................................ 23
REVISION HISTORY
8/2023—Rev. E to Rev. F
Changes to Figure 18 Caption, Figure 19 Caption, and Figure 20 Caption...................................................10
Change to Narrow-Band LC Matching Example at 100 MHz Section............................................................16
Changes to Ordering Guide........................................................................................................................... 23
Changes to Evaluation Boards...................................................................................................................... 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com