Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8313ARMZ
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8313ARMZ Datasheet HTML 15Page - Analog Devices AD8313ARMZ Datasheet HTML 16Page - Analog Devices AD8313ARMZ Datasheet HTML 17Page - Analog Devices AD8313ARMZ Datasheet HTML 18Page - Analog Devices AD8313ARMZ Datasheet HTML 19Page - Analog Devices AD8313ARMZ Datasheet HTML 20Page - Analog Devices AD8313ARMZ Datasheet HTML 21Page - Analog Devices AD8313ARMZ Datasheet HTML 22Page - Analog Devices AD8313ARMZ Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
AD8313
APPLICATIONS INFORMATION
analog.com
Rev. F | 19 of 23
In Figure 41, an emitter-follower provides the current gain, when
a 100 Ω load can readily be driven to full-scale output. While
a high ß transistor such as the BC848BLT1 (min ß = 200) is
recommended, a 2 kΩ pull-up resistor between VOUT and +VS can
provide additional base current to the transistor.
Figure 41. Output Current Drive Boost Connection
In addition to providing current gain, the resistor/potentiometer com-
bination between VSET and the emitter of the transistor increases
the log slope to as much as 45 mV/dB, at maximum resistance.
This gives an output voltage of 4 V for a 0 dBm input. If no increase
in the log slope is required, VSET can be connected directly to the
emitter of the transistor.
EFFECT OF WAVEFORM TYPE ON INTERCEPT
Although specified for input levels in dBm (dB relative to 1 mW),
the AD8313 responds to voltage and not to power. A direct conse-
quence of this characteristic is that input signals of equal rms power
but differing crest factors produce different results at the log amp’s
output.
Different signal waveforms vary the effective value of the log amp’s
intercept upward or downward. Graphically, this looks like a vertical
shift in the log amp’s transfer function. The device’s logarithmic
slope, however, is in principle not affected. For example, if the
AD8313 is being fed alternately from a continuous wave and from
a single CDMA channel of the same rms power, the AD8313 output
voltage differs by the equivalent of 3.55 dB (64 mV) over the
complete dynamic range of the device (the output for a CDMA input
being lower).
Table 7 shows the correction factors that should be applied to
measure the rms signal strength of a various signal types. A
continuous wave input is used as a reference. To measure the rms
power of a square wave, for example, the mV equivalent of the dB
value given in the table (18 mV/dB × 3.01 dB) should be subtracted
from the output voltage of the AD8313.
Table 7. Shift in AD8313 Output for Signals with Differing Crest Factors
Signal Type
Correction Factor
(Add to Output Reading)
CW Sine Wave
0 dB
Square Wave or DC
−3.01 dB
Triangular Wave
+0.9 dB
GSM Channel (All Time Slots On)
+0.55 dB
CDMA Channel
+3.55 dB
PDC Channel (All Time Slots On)
+0.58 dB
Gaussian Noise
+2.51 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com