Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501AKSZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5501AKSZ-R7
Description  50 MHz to 6 GHz TruPwr Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5501AKSZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5501AKSZ-R7 Datasheet HTML 10Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 11Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 12Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 13Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 14Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 15Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 16Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 17Page - Analog Devices ADL5501AKSZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADL5501
Rev. B | Page 14 of
28
5
0.03
0.1
1
–25
–20
–15
–10
–5
0
5
10
INPUT (dBm)
CW
QPSK
8PSK
16QAM
64QAM
Figure 22. Output vs. Input Level with Different Waveforms, 10 MHz Signal BW
for All Modulated Signals, Supply = 5.0 V, Frequency = 1900 MHz
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
RFIN (dBm)
CW
BPSK, 11dB CF
QPSK, 11dB CF
16QAM, 12dB CF
64QAM, 11dB CF
Figure 23. Error from CW Linear Reference vs. Input Level for Various
802.16 OFDM Waveforms at 2.35 GHz, 10 MHz Signal BW, and
256 Subcarriers for All Modulated Signals, Supply = 5.0 V
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
RFIN (dBm)
CW
12.2kbps, DPCCH (–5.46dB, 15kSPS) +
DPDCH (0dB, 60kSPS), 3.4dB CF
64kbps, DPCCH (–9.54dB, 15kSPS) +
DPDCH (0dB, 240kSPS), 3.4dB CF
144kbps, DPCCH (–11.48dB, 15kSPS) +
DPDCH (0dB, 480kSPS), 3.3dB CF
384kbps, DPCCH (–11.48dB, 15kSPS) +
DPDCH (0dB, 960kSPS), 3.3dB CF
768kbps, DPCCH (–11.48dB, 15kSPS) +
DPDCH1 + 2 (0dB, 960kSPS), 5.8dB CF
Figure 24. Error from CW Linear Reference vs. Input with Various
WCDMA Up Link Waveforms at 1900 MHz, CFLTR = Open, COUT = 100 nF
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
INPUT (dBm)
CW
QPSK, 4.8dB CF
8PSK, 4.8dB CF
16QAM, 6.3dB CF
64QAM, 7.4dB CF
Figure 25. Error from CW Linear Reference vs. Input with Different Waveforms,
10 MHz Signal BW for All Modulated Signals, Supply = 5.0 V, Frequency = 1900 MHz
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
RFIN (dBm)
CW
BPSK, 11dB CF
QPSK, 11dB CF
16QAM, 12dB CF
64QAM, 11dB CF
Figure 26. Error from CW Linear Reference vs. Input Level for Various
802.16 OFDM Waveforms at 3.5 GHz, 10 MHz Signal BW, and
256 Subcarriers for All Modulated Signals, Supply = 5.0 V
3
–3
–2
–1
0
1
2
–25
–20
–15
–10
–5
0
5
10
RFIN (dBm)
CW
PICH, 4.7dB CF
PICH + FCH (9.6kbps), 4.8dB CF
PICH + FCH (9.6kbps) + DCCH, 6.3dB CF
PICH + FCH (9.6kbps) + SCH (153.6kbps), 6.7dB CF
PICH + FCH (9.6kbps) + DCCH +
SCH (153.6kbps), 7.6dB CF
Figure 27. Error from CW Linear Reference vs. Input with Various
CDMA2000 Reverse Link Waveforms at 900 MHz, CFLTR = 1 nF, COUT = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com