Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5511 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5511
Description  DC to 6 GHz Envelope and TruPwr RMS Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5511 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5511 Datasheet HTML 17Page - Analog Devices ADL5511 Datasheet HTML 18Page - Analog Devices ADL5511 Datasheet HTML 19Page - Analog Devices ADL5511 Datasheet HTML 20Page - Analog Devices ADL5511 Datasheet HTML 21Page - Analog Devices ADL5511 Datasheet HTML 22Page - Analog Devices ADL5511 Datasheet HTML 23Page - Analog Devices ADL5511 Datasheet HTML 24Page - Analog Devices ADL5511 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
ADL5511
APPLICATIONS INFORMATION
analog.com
Rev. E | 21 of 26
For applications that are not response time critical, a relatively
large capacitor can be placed on the FLT4. There is no maximum
capacitance limit for CFLT4.
Figure 50 shows how output noise, rise time and fall time vary
vs. CFLT4 when the ADL5511 is driven by an 1.9 GHz LTE carrier
with a bandwidth of 10 MHz (LTE Test Model E‑TM1_1_10MHz,
peak-to-average ratio = 11.99 dB).
Figure 50. Output Noise, Rise and Fall Times vs. CFLT4 Capacitance, 10 MHz
BW LTE Carrier (LTE Test Model E-TM1_1_10MHz) at 1.9 GHz with PIN = 0
dBm
ENVELOPE TRACKING ACCURACY
The envelope tracking accuracy of the ADL5511 is measured in
terms of the higher order distortion of the envelope output when
the RF input signal is AM modulated using a low-harmonic sinusoid
at a given frequency. Such an input sinusoidal envelope has been
generated using the ADL5390 multiplier modulator. This generates
a double sideband AM modulated signal of a known modulation
index. In this measurement, the ADL5511 acts as free-running AM
demodulator without requiring a local oscillator to demodulate the
signal.
Figure 51. THD on VENV vs. RF Input Level; 1900 MHz RF Input, AM
Modulated by a 20 MHz Sine Wave (Modulation Index = 0.25), VENV Output
AC-Coupled into a 50 Ω Spectrum Analyzer Load
Figure 51 shows such a plot total harmonic distortion (THD) of the
VENV output vs. RF input power for the modulation index of 0.25.
As the input power level increases, the THD improves until it
sharply degrades at an input power level of approximately 13 dBm.
This sharp decrease is caused by the clipping of the AM signal’s
peak envelope. Figure 51 also shows carrier leakage at VENV in
dBc with respect to the input carrier amplitude.
This measurement, when conducted over the full input power range
of the ADL5511, suffers from measurement inaccuracies of the
input modulated signal due to the spectrum analyzer’s noise floor
and therefore does not accurately reveal the ADL5511’s limitations
at the lower end of the measurement range. In addition to this, the
process of generating an AM signal for this test (using the ADL5390
multiplier) is not perfect and resulted in a source signal whose
envelope was not harmonically pure.
TIME DOMAIN ENVELOPE TRACKING
ACCURACY
The envelope tracking accuracy of the ADL5511 can also be as-
sessed in the time domain by looking at the input peak power levels
that cause clipping.
The usable rms input power range of the ADL5511 varies depend-
ing on the desired accuracy level and the peak-to-average ratio of
the input signal. Figure 4 shows the linear operating range of the
VENV output when the RF input is driven by unmodulated sine
waves at various frequencies. This shows operation up to rms input
levels of approximately 19 dBm. If the signal has a peak-to-average
ratio that is greater than the square root of two, the usable input
range on RFIN will decrease. In general, the maximum input power
for linear operation should be determined by the peak envelope
power (PEP) of the input signal. Figure 52 shows the time-domain
response of the VENV output to a 900 MHz LTE carrier with a
bandwidth of 20 MHz (Test Model E-TM1_2_20MHz). The signal
level of the carrier (7 dBm rms, 19 dBm PEP) was deliberately
increased until clipping was observed at the VENV output.
Note that the peak envelope power of a signal is derived based on
the rms level of the signal during a peak cycle, that is V p-p/√2. For
example, a signal that achieves a peak voltage of 10 V (or 20 V
p-p) has a PEP of 30 dBm. According to this definition, the PEP of a
sine wave is equal to its rms power level because it has a constant
envelope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com