Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 3 Page - Analog Devices

  ADL5513 Datasheet HTML 1Page - Analog Devices ADL5513 Datasheet HTML 2Page - Analog Devices ADL5513 Datasheet HTML 3Page - Analog Devices ADL5513 Datasheet HTML 4Page - Analog Devices ADL5513 Datasheet HTML 5Page - Analog Devices ADL5513 Datasheet HTML 6Page - Analog Devices ADL5513 Datasheet HTML 7Page - Analog Devices ADL5513 Datasheet HTML 8Page - Analog Devices ADL5513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
ADL5513
SPECIFICATIONS
analog.com
Rev. B | 3 of 25
VS = 5 V, TA = 25°C, Z0 = 50 Ω, Pin INHI and Pin INLO are ac-coupled, continuous wave (CW) input, single-ended input drive, VOUT tied
to VSET, error referred to best-fit line (linear regression −20 to −40 dBm), unless otherwise noted. (Temperature adjust voltage optimized for
85°C.)
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Maximum Input Frequency
1
4000
MHz
FREQUENCY = 100 MHz
Output Voltage: High Power Input
PIN = −10 dBm
1.50
1.63
1.76
V
Output Voltage: Low Power Input
PIN = −50 dBm
0.64
0.79
0.94
V
±3.0 dB Dynamic Range
75
dB
±1.0 dB Dynamic Range
64
dB
±0.5 dB Dynamic Range
58
dB
Maximum Input Level, ±1.0 dB
6
dBm
Minimum Input Level, ±1.0 dB
−58
dBm
Deviation at TA = 25°C
PIN = −10 dBm
0.27
dB
PIN = −30 dBm
0.003
dB
PIN = −50 dBm
−0.14
dB
Deviation vs. Temperature
Deviation from output at TA = 25°C
25°C < TA < 85°C; PIN = −10 dBm
+0.15/−0.33
dB
−40°C < TA < +25°C; PIN = −10 dBm
+0.23/−0.43
dB
25°C < TA < 125°C; PIN = −10 dBm
0.8
dB
25°C < TA < 85°C; PIN = −30 dBm
+0.12/−0.31
dB
−40°C < TA < +25°C; PIN = −30 dBm
±0.31
dB
25°C < TA < 125°C; PIN = −30 dBm
+0.74
dB
+25°C < TA < +85°C; PIN = −50 dBm
+0.35/−0.18
dB
−40°C < TA < +25°C; PIN = −50 dBm
+0.25/−0.47
dB
25°C < TA < 125°C; PIN = −50 dBm
+0.52/−0.24
dB
Logarithmic Slope
19.5
21
22.5
mV/dB
Logarithmic Intercept
−87
dBm
Input Impedance
1.3/0.4
kΩ/pF
FREQUENCY = 900 MHz
Output Voltage: High Power Input
PIN = −10 dBm
1.64
V
Output Voltage: Low Power Input
PIN = −50 dBm
0.79
V
±3.0 dB Dynamic Range
76
dB
±1.0 dB Dynamic Range
70
dB
±0.5 dB Dynamic Range
68
dB
Maximum Input Level, ±1.0 dB
8
dBm
Minimum Input Level, ±1.0 dB
−62
dBm
Deviation at TA = 25°C
PIN = −10 dBm
0.2
dB
PIN = −30 dBm
0.002
dB
PIN = −50 dBm
0.34
dB
Deviation vs. Temperature
Deviation from output at TA = 25°C
25°C < TA < 85°C; PIN = −10 dBm
+0.25/−0.3
dB
−40°C < TA < +25°C; PIN = −10 dBm
+0.2/−0.53
dB
25°C < TA < 125°C; PIN = −10 dBm
+0.72/−0.1
dB
25°C < TA < 85°C; PIN = −30 dBm
+0.2/−0.3
dB
−40°C < TA < +25°C; PIN = −30 dBm
+0.28/−0.37
dB
25°C < TA < 125°C; PIN = −30 dBm
0.7
dB
25°C < TA < 85°C; PIN = −50 dBm
+0.4/−0.36
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com