Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK830P Datasheet(PDF) 3 Page - AUK corp

Part # STK830P
Description  Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK830P Datasheet(HTML) 3 Page - AUK corp

  STK830P Datasheet HTML 1Page - AUK corp STK830P Datasheet HTML 2Page - AUK corp STK830P Datasheet HTML 3Page - AUK corp STK830P Datasheet HTML 4Page - AUK corp STK830P Datasheet HTML 5Page - AUK corp STK830P Datasheet HTML 6Page - AUK corp STK830P Datasheet HTML 7Page - AUK corp STK830P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T0P009-000
3
STK830P
Electrical Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
V(BR)DSS
ID=250 ㎂, VGS=0V
500
-
-
V
Gate threshold voltage
VGS(th)
ID=250 ㎂, VGS=5V
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=500V, VGS=0V
-
-
10
㎂
Gate leakage current
IGSS
VDS=0V, VGS=±30V
-
-
±100
㎁
Drain-source on-resistance
④
RDS(on)
VGS=10V, ID=2.25A
-
-
1.5
Ω
Forward transfer conductance
④
gfs
VDS=10V, ID=2.25A
-
3.3
-
S
Input capacitance
Ciss
-
550
830
Output capacitance
Coss
-
46
70
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V
f=1 MHz
-
8.4
15
㎊
Turn-on delay time
td(on)
-
12
-
Rise time
tr
-
46
-
Turn-off delay time
td(off)
-
50
-
Fall time
tf
VDD=250V, ID=4.5A
RG=12Ω
③④
-
48
-
㎱
Total gate charge
Qg
-
17
26
Gate-source charge
Qgs
-
2.6
4.0
Gate-drain charge
Qgd
VDS=250V, VGS=10V
ID=4.5A
③④
-
5.8
9.0
nC
Source-Drain Diode Ratings and Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Source current (DC)
IS
-
-
4.5
Source current (Pulsed)
①
ISP
Integral reverse diode
in the MOSFET
-
-
18
A
Forward voltage
④
VSD
VGS=0V, IS=4.5A
-
-
1.4
V
Reverse recovery time
trr
-
188
-
㎱
Reverse recovery charge
Qrr
IS=4.5A, VGS=0V
dIS/dt=100A/㎲
-
2.1
-
μC
Note ;
① Repetitive rating : Pulse width limited by maximum junction temperature
② L=20mH, I
AS=4.5A, VDD=50V, RG=27Ω
③ Pulse Test : Pulse width≤ 400 ㎲, Duty cycle≤ 2%
④ Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com