Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003CFP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STTH2003CFP
Description  Ultrafast Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTH2003CFP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STTH2003CFP Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTH2003CFP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Rectifier Diode
STTH2003CFP
www.iscsemi.com
1
FEATURES
·
Ultra-fast, soft and noise-free recovery
·
Combines highest recovery and reverse voltage
performance
·
Insulated package
APPLICATIONS
·
Secondary rectification
·
Switching diode
·
DC/DC converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
300
V
IF(AV)
Average Rectified Forward Current Per diode
(δ = 0.5, squarewave)
TC = 115℃
10
A
IF(RMS)
Forward rms current
30
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
110
A
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
Per diode
4.6
℃
/W
otal
4.0


Similar Part No. - STTH2003CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2003CFP STMICROELECTRONICS-STTH2003CFP Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH2003CFP STMICROELECTRONICS-STTH2003CFP Datasheet
145Kb / 11P
Hight frequency secondary rectifier
26-Mar-2007
STTH2003CFP STMICROELECTRONICS-STTH2003CFP Datasheet
369Kb / 16P
300 V ultrafast rectifier
07-Aug-2018
More results

Similar Description - STTH2003CFP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYT79-600 NXP-BYT79-600 Datasheet
68Kb / 9P
Rectifier diode ultrafast
Rev. 01 - 16 October 2007
BYT79X-600 NXP-BYT79X-600 Datasheet
78Kb / 9P
Rectifier diode ultrafast
Rev. 01-29 October 2007
BYV25D-600 NXP-BYV25D-600 Datasheet
73Kb / 9P
Rectifier diode, ultrafast
Rev. 01-29 July 2008
BYV25X-600 NXP-BYV25X-600 Datasheet
79Kb / 9P
Rectifier diode, ultrafast
Rev. 01-12 August 2008
BYV29G-600 NXP-BYV29G-600 Datasheet
167Kb / 11P
Ultrafast rectifier diode
Rev. 01-4 February 2010
BYT79-600 PHILIPS-BYT79-600_15 Datasheet
183Kb / 10P
Rectifier diode ultrafast
27 May 2015
BYT79X-600 PHILIPS-BYT79X-600_15 Datasheet
187Kb / 10P
Rectifier diode ultrafast
27 May 2015
BYV25D-600 PHILIPS-BYV25D-600_15 Datasheet
73Kb / 9P
Rectifier diode, ultrafast
Rev. 01-29 July 2008
logo
WeEn Semiconductors
BYT79X-600 WEEN-BYT79X-600 Datasheet
357Kb / 10P
Rectifier diode ultrafast
BYV25X-600 WEEN-BYV25X-600 Datasheet
357Kb / 11P
Rectifier diode, ultrafast
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com