Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-Q0603HC Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-Q0603HC
Description  Ceramic Wirewound RF Inductor (AEC-Q200)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-Q0603HC Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-Q0603HC Datasheet HTML 1Page - Abracon Corporation AISC-Q0603HC Datasheet HTML 2Page - Abracon Corporation AISC-Q0603HC Datasheet HTML 3Page - Abracon Corporation AISC-Q0603HC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Ceramic Wirewound RF Inductor (AEC-Q200)
AISC-Q0603HC Series
1.80 x 1.12 x 1.02 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/21/2023
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Part Number
Inductance (L)
(nH)
Tolerance
Q
Min
SRF
Min
(GHz)
DCR
Max
(Ω)
IDC
Max
(mA)
AISC-Q0603HC-1N6
1.6 @ 250 MHz
J, K
24
12.5
0.03
2400
AISC-Q0603HC-3N6
3.6 @ 250 MHz
J, K
24
5.9
0.048
2300
AISC-Q0603HC-3N9
3.9 @ 250 MHz
J, K
25
5.9
0.054
2200
AISC-Q0603HC-6N8
6.8 @ 250 MHz
J, K
35
5.8
0.054
2100
AISC-Q0603HC-7N5
7.5 @ 250 MHz
J, K
38
3.7
0.059
2100
AISC-Q0603HC-8N2
8.2 @ 250 MHz
J, K
38
3.7
0.06
2000
AISC-Q0603HC-10N
10 @ 250 MHz
G, J, K
38
3.7
0.071
2000
AISC-Q0603HC-12N
12 @ 250 MHz
G, J, K
38
3
0.075
2000
AISC-Q0603HC-15N
15 @ 250 MHz
G, J, K
38
2.8
0.08
1900
AISC-Q0603HC-18N
18 @ 250 MHz
G, J, K
40
2.8
0.099
1900
AISC-Q0603HC-22N
22 @ 250 MHz
G, J, K
42
2.4
0.099
1800
AISC-Q0603HC-24N
24 @ 250 MHz
G, J, K
42
2.4
0.105
1800
Test Conditions:
Inductance, Q, SRF: HP4286/E4982A
DCR: Micro-Ohm meter (Gom-801G)/E4982A
IDC: Applied the current to coils, the temperature of coil increases ΔT15℃(Ta=25℃).
Operating Temperature: -40°C to +125°C
Components Storage Temperature: -40°C to +125°C
Tape and Reel packaging Temperature: 15~28°C; < 80% RH
AISC-Q0603HC is AEC-Q200 Qualified
AISC-Q0603HC Series is RoHS Compliant and Pb free
•
PPAP ready and supported
•
TS16949 certified production lines
•
AEC-Q200 (grade 1) qualified
•
Ceramic base with high SRF
•
Excellent DCR and current carrying characteristics.
•
Ultra-compact inductors
•
Tight tolerance down to ±2%
•
Automotive applications
•
Bluetooth, W-LAN, Broadband Network
•
Impedance matching networks
•
Filtering for high frequency communication
circuits
•
Video cameras, displays, and other electronic
devices.
Electrical Specifications
Applications
Features


Similar Part No. - AISC-Q0603HC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-Q0603HQ ABRACON-AISC-Q0603HQ Datasheet
557Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HQ-10N ABRACON-AISC-Q0603HQ-10N Datasheet
557Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HQ-11N ABRACON-AISC-Q0603HQ-11N Datasheet
557Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HQ-12N ABRACON-AISC-Q0603HQ-12N Datasheet
557Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HQ-15N ABRACON-AISC-Q0603HQ-15N Datasheet
557Kb / 5P
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
More results

Similar Description - AISC-Q0603HC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
AEC-Q200 Compliant
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
TT Electronics.
HA65A TTELEC-HA65A Datasheet
473Kb / 2P
AEC-Q200 certified
logo
YAGEO Corporation
AT0402BRD07 YAGEO-AT0402BRD07 Datasheet
653Kb / 9P
AEC-Q200 qualified
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com