Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01-XXXTI-R Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PL610-01-XXXTI-R
Description  1.8V to 3.3V, 1MHz to 130MHz XO IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL610-01-XXXTI-R Datasheet(HTML) 2 Page - PhaseLink Corporation

  PL610-01-XXXTI-R Datasheet HTML 1Page - PhaseLink Corporation PL610-01-XXXTI-R Datasheet HTML 2Page - PhaseLink Corporation PL610-01-XXXTI-R Datasheet HTML 3Page - PhaseLink Corporation PL610-01-XXXTI-R Datasheet HTML 4Page - PhaseLink Corporation PL610-01-XXXTI-R Datasheet HTML 5Page - PhaseLink Corporation PL610-01-XXXTI-R Datasheet HTML 6Page - PhaseLink Corporation PL610-01-XXXTI-R Datasheet HTML 7Page - PhaseLink Corporation PL610-01-XXXTI-R Datasheet HTML 8Page - PhaseLink Corporation PL610-01-XXXTI-R Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
(Preliminary)
PL610-01
1.8V to 3.3V, 1MHz to 130MHz XO IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 4/2/07 Page 2
KEY PROGRAMMING PARAMETERS (Optional)
CLK[0:1]
Output Frequency
Output Drive Strength
Programmable
Input/Output
FOUT = FREF / P*
(*: P is an Odd/Even Divider)
Where P = 6 bit
CLK0 = FREF, FREF/2 or FREF / P
CLK1 = FREF, FREF/2 or CLK0
Three optional drive strengths
to choose from:
 Low: 4mA
 Std: 8mA (default)
 High: 16mA
One output pin can be configured
as:
 OE - input
 PDB - input
 CLK1 – output
PACKAGE PIN AND DIE PAD ASSIGNMENT
Pin Assignment
Name
DFN-6L
SOT23-6L
Type
Description
XIN, FIN
1
3
I
Crystal or Reference Clock input pin
OE, PDB,
CLK1
2
1
I/O
This programmable I/O pin can be configured as an Output
Enable (OE) input, Power Down input (PDB) input or CLK1
clock output. This pin has an internal 60KΩ pull up resistor
for OE and 10MΩ pull up resistor for PDB.
State
OE
PDB
0
Tri-state CLK
Power Down Mode
1 (default)
Normal mode
Normal mode
GND
3
2
P
GND connection
CLK0
4
6
O
Programmable Clock Output
VDD
5
5
P
VDD connection
Crystal Output pin
XOUT
6
4
O
Do Not Connect (DNC ) when FIN is present



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com