Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01-XXXGI-R Datasheet(PDF) 10 Page - PhaseLink Corporation

Part # PL610-01-XXXGI-R
Description  1.8V to 3.3V, 1MHz to 130MHz XO IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL610-01-XXXGI-R Datasheet(HTML) 10 Page - PhaseLink Corporation

Back Button PL610-01-XXXGI-R Datasheet HTML 3Page - PhaseLink Corporation PL610-01-XXXGI-R Datasheet HTML 4Page - PhaseLink Corporation PL610-01-XXXGI-R Datasheet HTML 5Page - PhaseLink Corporation PL610-01-XXXGI-R Datasheet HTML 6Page - PhaseLink Corporation PL610-01-XXXGI-R Datasheet HTML 7Page - PhaseLink Corporation PL610-01-XXXGI-R Datasheet HTML 8Page - PhaseLink Corporation PL610-01-XXXGI-R Datasheet HTML 9Page - PhaseLink Corporation PL610-01-XXXGI-R Datasheet HTML 10Page - PhaseLink Corporation PL610-01-XXXGI-R Datasheet HTML 11Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
(Preliminary)
PL610-01
1.8V to 3.3V, 1MHz to 130MHz XO IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 4/2/07 Page 10
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
Min.
Max.
A
0.5
0.6
A1
0
0.05
A3
b
0.15
0.25
e
D
1.25
1.35
E
1.95
2.05
D1
0.75
0.85
E1
0.95
1.05
L
0.2
0.3
Symbol
Dimension (MM)
0.40BSC
0.152 REF
Recommended Land Pattern (MM)
2.362
1.905
0.915
±0.05
1.473
0.95
0.482
±0.050
3.785
±0.50
E
H
D
Pin1 Dot
C
L
A2
A1
e
b
A
Min
Max
A
1.05
1.45
A1
0.05
0.15
A2
1.00
1.30
b
0.35
0.50
c
D
2.80
3.00
E
1.50
1.70
H
2.60
3.00
L
0.35
0.55
e
Symbol
Dimension (MM)
0.127 Typical
0.95 Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com