Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2560CS Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2560CS
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2560CS Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL2560CS Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2560CS Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2560CS Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2560CS Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2560CS Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2560CS Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2560CS Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2560CS Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2560CS Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TSL2560, TSL2561
LIGHT-TO-DIGITAL CONVERTER
TAOS059K − APRIL 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Operating Characteristics, High Gain (16), VDD = 3 V, TA = 255C, (unless otherwise noted) (see
Notes 2, 3, 4, 5)
PARAMETER
TEST CONDITIONS
CHANNEL
TSL2560T, TSL2561T TSL2560CS, TSL2561CS
UNIT
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fosc
Oscillator frequency
690
735
780
690
735
780
kHz
Dark ADC count value
E
0 T
402 ms
Ch0
0
4
0
4
counts
Dark ADC count value
Ee = 0, Tint = 402 ms
Ch1
0
4
0
4
counts
T
178 ms
Ch0
65535
65535
Tint > 178 ms
Ch1
65535
65535
Full scale ADC count
T
101 ms
Ch0
37177
37177
counts
Full scale ADC count
value (Note 6)
Tint = 101 ms
Ch1
37177
37177
counts
T
13 7 ms
Ch0
5047
5047
Tint = 13.7 ms
Ch1
5047
5047
λp = 640 nm, Tint = 101 ms
Ch0
750
1000
1250
λp = 640 nm, Tint = 101 ms
Ee = 36.3 μW/cm2
Ch1
200
counts
λp = 940 nm, Tint = 101 ms
Ch0
700
1000
1300
counts
ADC count value
λp = 940 nm, Tint = 101 ms
Ee = 119 μW/cm2
Ch1
820
ADC count value
λp = 640 nm, Tint = 101 ms
Ch0
750
1000
1250
λp = 640 nm, Tint = 101 ms
Ee = 41 μW/cm2
Ch1
190
counts
λp = 940 nm, Tint = 101 ms
Ch0
700
1000
1300
counts
λp = 940 nm, Tint = 101 ms
Ee = 135 μW/cm2
Ch1
850
ADC
t
l
ti
λ
640 nm T
101 ms
015
020
025
014
019
024
ADC count value ratio:
λp = 640 nm, Tint = 101 ms
0.15
0.20
0.25
0.14
0.19
0.24
ADC count value ratio:
Ch1/Ch0
λ
940 nm T
101 ms
069
082
095
070
085
1
Ch1/Ch0
λp = 940 nm, Tint = 101 ms
0.69
0.82
0.95
0.70
0.85
1
λ
640 nm T
101 ms
Ch0
27.5
24.4
R
Irradiance responsivity
λp = 640 nm, Tint = 101 ms
Ch1
5.5
4.6
counts/
(μW/
Re
Irradiance responsivity
λ
940 nm T
101 ms
Ch0
8.4
7.4
(μW/
cm2)
λp = 940 nm, Tint = 101 ms
Ch1
6.9
6.3
cm2)
Fluorescent light source:
Ch0
36
35
R
Illuminance responsivity
Fluorescent light source:
Tint = 402 ms
Ch1
4
3.8
counts/
Rv
Illuminance responsivity
Incandescent light source:
Ch0
144
129
counts/
lux
Incandescent light source:
Tint = 402 ms
Ch1
72
67
ADC count value ratio:
Fluorescent light source:
Tint = 402 ms
0.11
0.11
ADC count value ratio:
Ch1/Ch0
Incandescent light source:
05
052
Ch1/Ch0
Incandescent light source:
Tint = 402 ms
0.5
0.52
Fluorescent light source:
Ch0
2.3
2.2
R
Illuminance responsivity,
Fluorescent light source:
Tint = 402 ms
Ch1
0.25
0.24
counts/
Rv
Illuminance responsivity,
low gain mode (Note 7)
Incandescent light source:
Ch0
9
8.1
counts/
lux
Incandescent light source:
Tint = 402 ms
Ch1
4.5
4.2
(Sensor Lux) /
(actual Lux) high gain
Fluorescent light source:
Tint = 402 ms
0.65
1
1.35
0.65
1
1.35
(actual Lux), high gain
mode (Note 8)
Incandescent light source:
Tint = 402 ms
0.60
1
1.40
0.60
1
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com