Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCU5 Datasheet(PDF) 2 Page - Power-One

Part # PCU5
Description  Controllers are used in PPS5 and PPS7 Power Systems.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PCU5 Datasheet(HTML) 2 Page - Power-One

  PCU5 Datasheet HTML 1Page - Power-One PCU5 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Voltage
18-72V DC
Current
<200 mA at 48V, <400 mA at 24V
Battery Management
Other Technical Data
Dimensions
(WxHxD)
62 x 129 x 231mm
(2.4 x 5.1 x 9.1in.)
Weight
0.45kg (1.0lbs.)
Operating
Temperature
-25 to +55°C
Storage
Temperature
-50 to +85°C
Environment
Storage:
Transport:
Operation:
ETS 300 019-2-1
ETS 300 019-2-2
ETS 300 019-2-3
Alarms
Battery
Disconnection
A feature that allows voltage
controlled disconnection of batteries.
Boost Charging
Manual time controlled or automatic
boost charging with adjustable time
and voltage levels.
Battery Test
Automatic or manual testing of
batteries up to four times per year.
Variables include: test duration, end
voltage, Ah, and allowable symmetry
variation.
Symmetry
Measurement
Optional tool that measures batteries
for early detection of thermal
runaway. Allows for separate
measurements of up to three parallel
battery branches, each divided into
four blocks.
Temperature
Compensation
Charging
Allows continuous adjustment of
output voltage according to battery
temperature. Feature includes
adjustable compensation factor and
separate thresholds for alarms.
PLD
Optional feature that allows voltage
or time controlled disconnection of
non-essential load.
Interface
Note: All specifications are subject to change without notification.
Alarm
History
The last 40 events are saved and
include a time and date stamp.
Alarm
Contacts
Four potential free change over
alarm contacts. Two open
collector outputs for LVD.
Alarms
High DC Voltage
Low DC Voltage
Load/ Battery Disc.
Battery Fuse Failure
DC Fuse Failure
Module Failure
Urgent Module Failure
Main AC Failure
Battery Failure
Symmetry Failure
High Temperature
High Load
1*
1*
1*
1*
1*
2*
1*
3*
4*
4*
4*
2*
* All alarms are indicated using an LED and
displayed in the LCD. The numbers represent an
example of alarm routing:
1) Urgent alarm, 2) Service alarm,
3) Main AC failure, 4) Battery related failure
Alarms are configurable by changing the EPROM
Display
2x16 character LCD
Communication
RS232 Serial interface for
remote control from a PC with
PowCom software.
Indications
Green LED -
Power ON
Yellow LED -
System warning message
Red LED -
System alarm
Controls
Four pushbutton controls allow menu
navigation
www.power-one.com
11V0005-027 PCU 5/7 V3.0
Controller
PCU 5/7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com