Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP75 Datasheet(PDF) 5 Page - Power-One

Part # PLP75
Description  AC-DC power supplies suited for telecom
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PLP75 Datasheet(HTML) 5 Page - Power-One

  PLP75 Datasheet HTML 1Page - Power-One PLP75 Datasheet HTML 2Page - Power-One PLP75 Datasheet HTML 3Page - Power-One PLP75 Datasheet HTML 4Page - Power-One PLP75 Datasheet HTML 5Page - Power-One PLP75 Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DEC 04, 2006 revised to JAN 30, 2007
Page 5 of 6
www.power-one.com
PLP75 AC-DC Series Data Sheet
75 Watts
Regulatory & Safety Approvals
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
UL60950-1
All single-output models are approved. Triple-
output models are pending.
CSA-C22.2,
No. 60950-1-03
All single-output models are approved. Triple-
output models are pending.
EN 60950-1
/IEC 60950-1
All single-output models are approved. Triple-
output models are pending.
CE Mark for LVD
All single-output models are approved. Triple-
output models are pending.
CB Approval
Completed for single-output models. Pending
for triple-output models.
Ground Leakage
Current
At 230 VAC.
1.4
mA
Mechanical Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Dimensions
Length
127
mm
Width
76.2
mm
Height, including component or component lead
protrusion on the bottom of the PCB.
35
mm
Power Density
With forced-air cooling.
4
W/cu in
Mounting
(Location/Hardware); see Outline Drawing.
Input
(Location/Connector);
J1 - Molex 26-62-4030 or equivalent.
Ground connector for
plastic chassis
Provided.
Output
(Location/Connector);
J2 - Molex 26-60-4060 or equivalent.
Outline Drawing
Pins/Functions
See Mechanical Drawing.
Weight
0.36
kg
Mounting distance
Note
1
0.113
in
Optional Accessories
Bracket, enclosure with IEC connector and
switch, and cover options are offered. Consult
factory for details.
1
The minimum distance from the bottom of the component leads (solder side) or top of the components (component side) to the customer's
metal chassis should be at least 0.113 " (2.85 mm).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com