Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPR7 Datasheet(PDF) 2 Page - Power-One

Part # PPR7
Description  3 & 6 Position Power Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PPR7 Datasheet(HTML) 2 Page - Power-One

  PPR7 Datasheet HTML 1Page - Power-One PPR7 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.power-one.com
11V0005-065 PPR 5/7 V3.0
PPR 5/7
3 & 6 Position Power Systems
Note: All specifications are subject to change without notification.
Input
Output
Mechanical
Features
Model
PPR 5/7 3-Position
PPR 5/7 6-Position
Input
115 or 230VAC single phase
(Depending on rectifier
module)"
115 or 230VAC single phase
(Depending on rectifier
module)"
Input Connections
3x4mm² terminal blocks
3x4mm² terminal blocks
Rectifier Modules (max.)
3
6
Load Outputs
2x10mm² - Qty 3
2x10mm² - Qty 6
24V DC Version
Yes
Yes
48V DC Version
Yes
Yes
Alarms
Common alarm for High Voltage/ Shutdown, Low Voltage/
Module Failure, Unequal Load Sharing Normally Opened
or Normally Closed.
Dimensions (WxHxD)
271x193.5x305mm
484.4x193.5x305mm
Weight
1.2kg (2.65lbs.)
2.5kg (5.5lbs.)
Mounting
Wall Mount
Wall Mount
Model
Voltage
Power (max.)
Current (max.)
PMP 5.24
24V DC
448W
16A
PMP 5.24 SIC 110*
24V DC
448W
16A
PMP 5.48 SIC 110*
48V DC
448W
8A
PMP 7.24 SIC
24V DC
560W
20A
PMP 7.48 SIC
48V DC
672W
12A
*110V AC input
Available Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com