Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS Datasheet(PDF) 2 Page - Power-One

Part # PSS
Description  9 - 25 A Switching Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSS Datasheet(HTML) 2 Page - Power-One

  PSS Datasheet HTML 1Page - Power-One PSS Datasheet HTML 2Page - Power-One PSS Datasheet HTML 3Page - Power-One PSS Datasheet HTML 4Page - Power-One PSS Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PSS, PSK Series Data Sheet
9 - 25 A Switching Regulator
REV. FEB 09, 2006
Page 2 of 5
www.power-one.com
Input
Input voltage
refer to selection chart
No load input current
≤ 50 mA
Output
Efficiency
Vi nom, Io nom
up to 97%
Output voltage setting accuracy
Vi nom, Io nom
±0.6%
Vo nom
Output voltage switching noise
IEC/EN 61204, total
typ. 0.2%
Line regulation
Vi min - Vi max, Io nom
typ. ±0.2%
Load regulation
Vi nom, 0 - Io nom
typ. 0.15%
Minimum load
not required
0 A
Current limitation
rectangular U/I characteristic
typ. 110%
Io nom
Hold-up time
Vi nom, Io nom, with ext. diode in input line, PSS
up to 7 ms
Protection
Input reverse polarity
built-in fuse
Input undervoltage lockout
typ. 80%
Vi min
Input transient protection
suppressor diode
Output
no-load, overload and short circuit proof
Output overvoltage
suppressor diode in each output
typ. 150%
Vo nom
Overtemperature
switch-off with auto restart
TC typ. 100°C
Control
Inhibit
TTL input, output enabled if left open
R control
min. adjustable output voltage
0 V
max. adjustable output voltage
up to 125%
Vo nom
Output voltage indication
LED (except -2)
Sense lines
compensation for voltage drop across load lines, PSS
Test sockets
test sockets for check of output voltage
Operation in parallel
current sharing feature (CS)
Safety
Approvals
EN 60950, UL 1950, CSA C22.2 No. 950
Protection degree
units without options
IP 20/30
Electric strength test voltage
I/case and O/case
500/750/1500 VDC
EMC
Electrostatic discharge
IEC/EN 61000-4-2
Electromagnetic field
IEC/EN 61000-4-3
Electr. fast transients/bursts
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
Conducted disturbances
IEC/EN 61000-4-6
Electromagnetic emissions
CISPR 22/EN 55022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com