Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL Datasheet(PDF) 2 Page - Power-One

Part # PSL
Description  6 to 12 A Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSL Datasheet(HTML) 2 Page - Power-One

  PSL Datasheet HTML 1Page - Power-One PSL Datasheet HTML 2Page - Power-One PSL Datasheet HTML 3Page - Power-One PSL Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PSL Series Data Sheet
6 to 12 A Switching Regulators
APR 05, 2004 revised to JUN 06, 2006
Page 2 of 4
www.power-one.com
Input
Input voltage
refer to selection chart
No load input current
-50 mA
Output
Efficiency
Vi nom, Io nom
up to 97%
Output voltage setting accuracy
Vi nom, Io nom
±0.6%
Vo nom
Output voltage switching noise
IEC/EN 61204, total
typ. 0.4%
Line regulation
Vi min - Vi max, Io nom
typ. ±0.3%
Load regulation
Vi nom, 0 - Io nom
typ. 0.3%
Minimum load
not required
0 A
Current limitation
rectangular U/I characteristic
typ. 110%
Io nom
Operation in parallel
by current limitation
Protection
Input reverse polarity
with external fuse (built-in fuse with option C installed)
Input undervoltage lockout
typ. 80%
Vi min
Input transient protection
suppressor diode
Output
no-load, overload and short circuit proof
Output overvoltage
suppressor diode in each output
typ. 150%
Vo nom
Safety
Approvals
EN 60950, UL 1950, CSA C22.2 No. 950
Protection degree
IP 20
Electric strength test voltage
I/case and O/case
500/750/1500 V DC
EMC
Electrostatic discharge
IEC/EN 61000-4-2
Electromagnetic field
IEC/EN 61000-4-3
Electr. fast transients/bursts
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
Conducted disturbances
IEC/EN 61000-4-6
Electromagnetic emissions
CISPR 22/EN 55022
Environmental
Operating ambient temperature -2,
Vi nom, Io nom, convection cooled
–10 to 50°C
Operating case temperature
TC -2, Vi nom, Io nom
–10 to 80°C
Storage temperature
-2, non operational
–25 to 100°C
Operating ambient temperature -7,
Vi nom, Io nom, convection cooled
–25 to 71°C
Operating case temperature
TC -7, Vi nom, Io nom
–25 to 95°C
Storage temperature
-7, non operational
–40 to 100°C
Damp heat
IEC/EN 60068-2-3
Vibration, sinusoidal
IEC/EN 60068-2-6
Shock
IEC/EN 60068-2-27
Bump
IEC/EN 60068-2-29
Random vibration
IEC/EN 60068-2-64
MTBF
MIL-HDBK-217



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com