Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCS Datasheet(PDF) 2 Page - Power-One

Part # XCS
Description  Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

XCS Datasheet(HTML) 2 Page - Power-One

  XCS Datasheet HTML 1Page - Power-One XCS Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Voltage
18-72V DC
Current
<200 mA at 48V, <400 mA at 24V
Battery
Other Technical Data
Dimensions
(WxHxD)
483/584 x 44 x 274mm
(19/23 x 1.75 x 10.8in.)
Weight
4.94kg (11lbs.)
Operating
Temperature
-40 to +65°C
Storage
Temperature
-50 to +85°C
Environment
Storage:
Transport:
Operation:
ETS 300 019-2-1
ETS 300 019-2-2
ETS 300 019-2-3
Alarms
Battery
Disconnection
An optional feature that allows
voltage controlled disconnection
of batteries.
Boost Charging
Manual time controlled or
automatic boost charging with
adjustable time and voltage levels.
Battery Test
Automatic or manual testing of
batteries up to four times per year
with a 10 test memory. Variables
include: test duration, end voltage,
and amount of Ah’s to be
discharged during test.
Symmetry
Measurement
Optional tool that measures
batteries for early detection of
thermal runaway. Allows for
separate measurements of up to
12 parallel battery branches, each
divided into four blocks.
Temperature
Compensation
Charging
Allows continuous adjustment of
output voltage according to
battery temperature. Features
include adjustable compensation
factor and separate thresholds for
high temperature alarms.
PLD
Optional feature that allows
voltage or time controlled
disconnection of non-essential
load.
Enhanced
Battery
Monitoring
Monthly logging of essential
battery parameters, including
temperature, temp. hours, current,
charging voltage, and symmetry
voltage. Parameters are stored
for 5 years.
Interface
Note: All specifications are subject to change without notification.
Alarm History
The last 40 events are saved and
include a time and date stamp.
Alarm
Contacts
6 potential free change-over alarm
contacts. Two open collector outputs
for LVD operation.
Alarms
High System Voltage
Low System Voltage
Load/ Battery Disc.
Mains Error
Distribution Fuse Failure
Battery Failure
Module Failure
Battery Temp. Alarm
Symmetry Fault
Battery Fuse Failure
High Load
Battery Fuse Disc.
Urgent Module Failure
Communication Failure
Partial Load Disc.
1*
2*
4*
3*
4*
6*
5*
6*
6*
4*
5*
5*
4*
5*
4*
* All alarms are indicated using an LED and displayed in
the LCD. The numbers represent an example of alarm
routing. Sixteen additional alarms are available and are
configurable by changing the PCS EEPROM.
Display
2x20 character LCD with backlight
Internal
Communication
RS485 Data Bus for communication
with a maximum of 128 rectifiers and
128 sub-controllers
Internal
Communication
RS232 Serial interface for
remote control from a PC with
PowCom software
Indications
Green LED -
Power ON
Yellow LED -
System warning message
Red LED -
System failure message
Controls
Four pushbutton controls
Signal
Collection
Wide range of interface units with
analog and digital input/outputs
Software
Site upgradeable by EEPROM flash
Language
Multiple language options
www.power-one.com
11V0005-061 XCS V3.0
Controller
XCS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com