Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS Datasheet(PDF) 1 Page - Littelfuse

Part # TLS
Description  Telecommunications Power Fuse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TLS Datasheet(HTML) 1 Page - Littelfuse

  TLS_05 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telecom Products
79
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse • POWR-GARD™ Products Catalog
TLS Series Telecommunications Power Fuse
170 VDC • Current-Limiting • 1 – 125 Amperes
Littelfuse TLS Series fuses are designed specifically for the protection
of telecommunications equipment. TLS fuses have been engineered to
operate up to 170 VDC to provide current-limiting short-circuit protection
for cables and components found in the DC power distribution circuits
of telecommunications systems. The compact design and multiple
mounting configurations of the TLS series allow it to be used in a variety
of applications.
Features
• 170 VDC
• Current-limiting
• 1 to 125 amperes
• Multiple mounting configurations
• RoHS Compliant
TLS-V
TLS-L
TLS-LB
TLS
Specifications
Voltage Rating:
170 VDC
Interrupting Rating:
100,000 amperes
Ampere Range:
1 – 125 amperes
Approvals:
UL Recognized under the components program
(File No: E71611)
Construction:
Caps: Silver-plated brass
Body:
Glass melamine
Ampere Ratings
1
6
25
50
90
2
10
30
60
100
3
15
35
70
110
5
20
40
80
125
Example part number (series & amperage): TLS050
Note: To order leaded versions of TLS fuses, add suffix V, L, LB, or LS to part
number.
Recommended Fuse Blocks
LTFD series disconnect switches
LT30060 for TLS series cartridge style fuse
Contact factory for more information.
Contact Littelfuse for characteristic curves. Dimensions for refer-
ence only. Replaces competitors’ TPS and TGS Series.
TLS-LS
Vertical Mount
Leaded
Bolt-In
Solder
Cartridge
Pb


Similar Part No. - TLS_05

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TLS005 LITTELFUSE-TLS005 Datasheet
464Kb / 1P
TLS Series Telecommunications Power Fuse
logo
Infineon Technologies A...
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS105B0MB INFINEON-TLS105B0MB Datasheet
1Mb / 24P
OPTIREG™ linear voltage regulator TLS105B0MB High-precision voltage tracker
Rev. 1.14 2023-07-25
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS205B0EJV INFINEON-TLS205B0EJV Datasheet
2Mb / 31P
Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
More results

Similar Description - TLS_05

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L17T70 LITTELFUSE-L17T70 Datasheet
419Kb / 1P
L17T Series Telecommunications Power Fuse
TLS001 LITTELFUSE-TLS001 Datasheet
464Kb / 1P
TLS Series Telecommunications Power Fuse
TLN LITTELFUSE-TLN Datasheet
115Kb / 1P
Telecommunications Power Fuse
logo
Axiomtek Co., Ltd.
GOT-3106TL-830 AXIOMTEK-GOT-3106TL-830 Datasheet
426Kb / 2P
Over-current power protection-fuse
GOT3106T-832 AXIOMTEK-GOT3106T-832 Datasheet
394Kb / 2P
Over-current power protection-fuse
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
ferrule power distribution fuse blocks
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Cyntec Co., Ltd.
FD-4030-12A-C1-C CYNTEC-FD-4030-12A-C1-C Datasheet
1,017Kb / 10P
FUSE
FR-9550-30A-C01-B CYNTEC-FR-9550-30A-C01-B Datasheet
1Mb / 11P
FUSE
logo
Shanghai Leiditech Elec...
LM5N1500AP LEIDITECH-LM5N1500AP Datasheet
761Kb / 5P
FUSE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com