Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200 Datasheet(PDF) 14 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LOG200_V01 Datasheet HTML 10Page - Texas Instruments LOG200_V01 Datasheet HTML 11Page - Texas Instruments LOG200_V01 Datasheet HTML 12Page - Texas Instruments LOG200_V01 Datasheet HTML 13Page - Texas Instruments LOG200_V01 Datasheet HTML 14Page - Texas Instruments LOG200_V01 Datasheet HTML 15Page - Texas Instruments LOG200_V01 Datasheet HTML 16Page - Texas Instruments LOG200_V01 Datasheet HTML 17Page - Texas Instruments LOG200_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
5.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
IREF Compliance Voltage (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
1
1.001
1.002
1.003
1.004
1.005
1.006
1.007
1.008
1.009
VS = 5V (±2.5V), n = 24
Figure 5-37. IREF Line Regulation
IREF Compliance Voltage (V)
-5
-4
-3
-2
-1
0
1
2
3
4
1
1.001
1.002
1.003
1.004
1.005
1.006
1.007
1.008
1.009
VS = 10V (±5V), n = 25
Figure 5-38. IREF Line Regulation
Normalized to value at TA = 25°C, IVREF = 1mA, n = 7
Figure 5-39. VREF165 vs Temperature
Temperature ( C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
-7
-6
-5
-4
-3
-2
-1
0
1
Normalized to value at TA = 25°C, IVREF = 1mA, n = 15
Figure 5-40. VREF25 vs Temperature
REF165 Current (mA)
-2
-1
0
1
2
3
4
5
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
n = 7
Figure 5-41. VREF165 Load Regulation
REF25 Current (mA)
-2
-1
0
1
2
3
4
5
-2.5
-2.25
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
n = 15
Figure 5-42. VREF25 Load Regulation
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com