Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200RGTR Datasheet(PDF) 21 Page - Texas Instruments

Part # LOG200RGTR
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LOG200RGTR Datasheet HTML 17Page - Texas Instruments LOG200RGTR Datasheet HTML 18Page - Texas Instruments LOG200RGTR Datasheet HTML 19Page - Texas Instruments LOG200RGTR Datasheet HTML 20Page - Texas Instruments LOG200RGTR Datasheet HTML 21Page - Texas Instruments LOG200RGTR Datasheet HTML 22Page - Texas Instruments LOG200RGTR Datasheet HTML 23Page - Texas Instruments LOG200RGTR Datasheet HTML 24Page - Texas Instruments LOG200RGTR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
7.1.1.1 Logarithmic Conformity Error
The LOG200 current-input logarithmic conversions, as well as the input and gain resistors of the LOG200
output-stage difference amplifier, have some inherent mismatches (both initially and across temperature) that
appear as errors at the system level. These errors are subdivided into three categories: offset error, gain or
scaling factor error, and logarithmic or log conformity error (LCE). The LCE is a nonlinear error that is measured
after the offset and gain errors have been calibrated, and is similar in many ways to the integrated nonlinearity
error of an ADC or DAC. The LCE describes the difference between the expected value and measured value
due to random nonideal behavior within the device. The LCE is defined in one of two possible ways: either as an
immediate error (with units of volts) or as a maximum error envelope (expressed as a percentage). Typically, a
plot of input current or logarithmic current (logarithmic scale) vs output voltage (linear scale) is used for the data
set, as in Figure 7-3.
I1 Input Current ( A)
0.01
0.1
1
10
100
1000
10000
-0.6
-0.3
0
0.3
0.6
0.9
1.2
Figure 7-3. OUTA Voltage vs I1 Input Current
First, a best-fit line is established to describe the device transfer function. The slope of this line as compared
to the nominal scaling factor, K, establishes the scaling factor error, and the intercept of the line establishes the
offset error. Next, the difference of the measured device output as compared to the point on the best-fit line
is calculated for a given input condition (point on the X axis). For any given point, the result is the immediate
logarithmic conformity error, and the value differs depending on the data range across that the best-fit line was
established. For example, at high input currents, the LOG200 experiences self-heating due to the increased
power dissipation through parasitic resistances, and these thermal effects result in higher apparent LCE within
the 100µA to 10mA current range than is measured within the 10nA to 100µA current range.
I1 Input Current ( A)
0.01
0.1
1
10
100
1000
10000
-4
-2
0
2
4
6
8
Figure 7-4. Logarithmic Conformity Error vs I1 Input Current
Individually calculating the LCE for every possible input condition is not practical. The LCE expressed as an
error envelope is more useful to circuit designers. This calculation conveys the maximum LCE expected across
a given input range as a percentage of the expected full-scale output voltage. The calculation involves iterating
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com