Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 19Page - Texas Instruments TUSB2E221 Datasheet HTML 20Page - Texas Instruments TUSB2E221 Datasheet HTML 21Page - Texas Instruments TUSB2E221 Datasheet HTML 22Page - Texas Instruments TUSB2E221 Datasheet HTML 23Page - Texas Instruments TUSB2E221 Datasheet HTML 24Page - Texas Instruments TUSB2E221 Datasheet HTML 25Page - Texas Instruments TUSB2E221 Datasheet HTML 26Page - Texas Instruments TUSB2E221 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
8.3 Feature Description
8.3.1 USB 2.0
The TUSB2E221 supports two USB 2.0 ports. Each port supports low-speed, full-speed and high-speed
operations.
8.3.2 eUSB2
The TUSB2E221 supports two eUSB2 ports with low-speed, full-speed and high-speed operations.
8.3.3 Cross MUX
The TUSB2E221 supports a cross mux functionality that can map either of the two eUSB2 ports to the two USB
2.0 ports providing design flexibility.
8.4 Device Functional Modes
8.4.1 Repeater Mode
After the RESETB deassertion and t_RH_READY, the TUSB2E221 is enabled and enters the default state, ready to
accept eUSB2 packets.
Table 8-1. Number of Hubs Supported with Host and/or Peripheral Repeater
Number of eUSB2
Repeaters
Number of Hubs
Operating at HS
Number of Hubs
Operating at FS
1
4
2
Number of hubs operating at FS is reduced due to
Te_to_U_DJ1 and TRJR1.
Number of hubs operating at HS is reduced due to
SOP truncation and EOP dribble
2
3
1
0
5
5
non-eUSB2 system for reference
8.4.2 Power-Down Mode
RESETB can be used as a power-down pin when asserted low. Power-down mode puts the TUSB2E221 in the
lowest power mode.
8.4.3 UART Mode
In I2C mode GPIO0 defaults as an enable control for Carkit UART mode. GPIO0 is an active low signal to enable
Carkit UART mode. GPIO0 can be controlled through APU or SoC. When APU or SoC is not powered on or the
firmware has not been loaded, GPIO0 is low. When GPIO0 is low, the UART mode allows access to the APU or
SoC debug interface through the USB port.
Default Carkit UART direction is DP → eDP (RX) and eDN → DN (TX).
On the rising edge of GPIO0, followed by TMODE_SWITCH, the TUSB2E221 is enabled and enters the default
state, ready to accept eUSB2 port reset, configuration or RAP. The repeater mode is configured as host or
peripheral depending on the eUSB2-defined configuration received from eUSBr and acknowledged by the
repeater.
UART mode enable is controlled through GPIO0 after power up. This can be changed through
UART_use_bit1_Px bit in UART-PORTx register, so UART mode enable can be controlled through a register
instead of GPIO0.
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com