Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1630 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1630 Datasheet HTML 9Page - Microchip Technology MCP1630 Datasheet HTML 10Page - Microchip Technology MCP1630 Datasheet HTML 11Page - Microchip Technology MCP1630 Datasheet HTML 12Page - Microchip Technology MCP1630 Datasheet HTML 13Page - Microchip Technology MCP1630 Datasheet HTML 14Page - Microchip Technology MCP1630 Datasheet HTML 15Page - Microchip Technology MCP1630 Datasheet HTML 16Page - Microchip Technology MCP1630 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2004-2022 Microchip Technology Inc. and its subsidiaries
DS20001896D-page 13
MCP1630/MCP1630V
comparator, allowing narrow pulse widths at VEXT.
4.6
Undervoltage Lockout (UVLO)
When the input voltage (VIN) is less than the UVLO
threshold, the VEXT is held in the low state. This will
ensure that, if the voltage is not adequate to operate
the MCP1630/V, the main power supply switch will be
held in the off state. When the UVLO threshold is
exceeded, there is some hysteresis in the input voltage
prior to the UVLO off threshold being reached. The
typical hysteresis is 75 mV. Typically, the MCP1630 will
not start operating until the input voltage at VIN is
between 3.0V and 3.1V.
4.7
Overtemperature Protection
To protect the VEXT output if shorted to VIN or GND, the
MCP1630/V VEXT output will be high-impedance if the
junction temperature is above the thermal shutdown
threshold. There is an internal 100 k
 pull-down
resistor connected from VEXT to ground to provide
some pull-down during overtemperature conditions.
The protection is set to 150°C (typ.), with a hysteresis
of 18°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com