Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14628T-E/MF Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP14628T-E/MF
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628T-E/MF Datasheet(HTML) 1 Page - Microchip Technology

  MCP14628T-E/MF Datasheet HTML 1Page - Microchip Technology MCP14628T-E/MF Datasheet HTML 2Page - Microchip Technology MCP14628T-E/MF Datasheet HTML 3Page - Microchip Technology MCP14628T-E/MF Datasheet HTML 4Page - Microchip Technology MCP14628T-E/MF Datasheet HTML 5Page - Microchip Technology MCP14628T-E/MF Datasheet HTML 6Page - Microchip Technology MCP14628T-E/MF Datasheet HTML 7Page - Microchip Technology MCP14628T-E/MF Datasheet HTML 8Page - Microchip Technology MCP14628T-E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2008-2024 Microchip Technology Inc. and its subsidiaries
DS20002083B-page 1
MCP14628
Features
• AEC-Q100 Automotive Qualified, See Product
Identification System
• Dual Output MOSFET Driver for Synchronous
Applications
• High Peak Output Current: 2A (typical)
• Adaptive Cross Conduction Protection
• Internal Bootstrap Blocking Device
• +36V BOOT Pin Maximum Rating
• Enhanced Light Load Efficiency Mode
• Low Supply Current: 80 µA (typical)
• High Capacitive Load Drive Capability:
- 3300 pF in 10 ns (typical)
• Tri-State PWM Pin for Power Stage Shutdown
• Input Voltage Undervoltage Lockout Protection
• Space Saving Packages:
- 8-Lead SOIC
- 8-Lead 3x3 DFN
Applications
• Automotive
• High Efficient Synchronous DC/DC Buck
Converters
• High Current Low Output Voltage Synchronous
DC/DC Buck Converters
• High Input Voltage Synchronous DC/DC Buck
Converters
• Core Voltage Supplies for Microprocessors
General Description
The MCP14628 is a dual MOSFET gate driver
designed to optimally drive two N-Channel MOSFETs
arranged in a non-isolated synchronous buck converter
topology. With the capability to source 2A peaks
typically from both the high-side and low-side drives,
the MCP14628 is an ideal companion to buck
controllers
that
lack
integrated
gate
drivers.
Additionally, greater design flexibility is offered by
allowing the gate drivers to be placed close to the
power MOSFETs.
The MCP14628 features the capability to sink 3.5A
peak typically for the low-side gate drive. This allows
the MCP14628 the capability of holding off the low-side
power MOSFET during the rising edge of the PHASE
node. Internal adaptive cross conduction protection
circuitry is also used to mitigate both external power
MOSFETs from simultaneously conducting.
The low resistance pull-up and pull-down drives allow
the MCP14628 to quickly transition a 3300 pF load in
typically 10 ns and with a propagation time of typically
20 ns. Bootstrapping for the high-side drive is internally
implemented which allows for a reduced system cost
and design complexity.
The PWM input to the MCP14628 can be tri-stated to
force both drive outputs low for true power stage
shutdown. Light load system efficiency is improved by
using the diode emulation feature of the MCP14628.
When the FCCM pin is grounded, diode emulation
mode is entered. In this mode, discontinuous
conduction is allowed by sensing when the inductor
current reach zero and turning off the low-side power
MOSFET.
Package Types
1
2
3
4
8
7
6
5
HIGHDR
BOOT
PWM
GND
LOWDR
VCC
FCCM
PHASE
8-Lead SOIC
1
2
3
4
8
7
6
5
HIGHDR
BOOT
PWM
GND
LOWDR
VCC
FCCM
PHASE
8-Lead DFN
Note 1: Exposed pad on the DFN is electrically isolated.
2A Synchronous Buck Power MOSFET Driver


Similar Part No. - MCP14628T-E/MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14628T MICROCHIP-MCP14628T Datasheet
435Kb / 24P
2A Synchronous Buck Power MOSFET Driver
2008
More results

Similar Description - MCP14628T-E/MF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5355 ONSEMI-NCP5355 Datasheet
102Kb / 12P
12 V Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 6
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
2A Synchronous Buck Power MOSFET Driver
2008
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
Synchronous-Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
Synchronous Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com