Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2140
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 3 Page - Microchip Technology

  MCP2140 Datasheet HTML 1Page - Microchip Technology MCP2140 Datasheet HTML 2Page - Microchip Technology MCP2140 Datasheet HTML 3Page - Microchip Technology MCP2140 Datasheet HTML 4Page - Microchip Technology MCP2140 Datasheet HTML 5Page - Microchip Technology MCP2140 Datasheet HTML 6Page - Microchip Technology MCP2140 Datasheet HTML 7Page - Microchip Technology MCP2140 Datasheet HTML 8Page - Microchip Technology MCP2140 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2004-2024 Microchip Technology Inc. and its subsidiaries
DS20001894D-page 3
MCP2122
1.0
DEVICE OVERVIEW
The MCP2122 is a stand-alone IrDA standard encoder/
decoder device that is pinout-compatible with the
Agilent® HSDL-7000 encoder/decoder.
The MCP2122 has two interfaces: the host UART
interface and the IR interface (see Figure 1-1). The host
UART interfaces to the UART of the Host Controller.
The Host Controller is the device in the embedded
system that transmits and receives the data. The IR
interface connects to an infrared (IR) optical transceiver
circuit that converts electrical pulses into IR light
(encode) and converts IR light into electrical pulses
(decode). This IR optical transceiver circuit could be
either a standard infrared optical transceiver (such as a
Vishay® TFDU 4300) or it could be implemented with
discrete components. For additional information, please
refer to AN243, “Fundamentals of the Infrared Physical
Layer” (DS00243).
When the Host Controller transmits the UART format
data, the MCP2122 receives this UART data and
encodes (modulates) it bit by bit. This encoded data is
then output as electrical pulses to the IR transceiver.
The IR transceiver will then convert these electrical
pulses to IR light pulses.
The IR transceiver also receives IR light pulses (data),
which are outputted as electrical pulses. The MCP2122
decodes (demodulates) these electrical pulses, with
the data then being transmitted by the MCP2122
UART. This modulation/demodulation method is
performed in accordance with the IrDA standard.
Table 1-1 shows an overview of some of the device
features. Figure 1-1 shows a typical application block
diagram. Table 1-2 shows the pin definitions of the
MCP2122 during normal operation.
TABLE 1-1:
MCP2122 FEATURES
OVERVIEW
Infrared Technology Features:
• Universal standard for connecting portable
computing devices
• Effortless implementation
• Economical alternative to other connectivity
solutions
• Reliable, high-speed connection
• Safe to use in any environment; can even be used
during air travel
• Eliminates the hassle of cables
• Allows PCs and non-PCs to communicate with
each other
• Enhances mobility by allowing users to easily
connect
1.1
Applications
Some applications where an IR interface (MCP2122)
could be used include:
• Data-Logging/Data Exchange
• System Setup
• System Diagnostic Read Out
• Manufacturing Configuration
• Host Controller Firmware Updates
• System Control
FIGURE 1-1:
SYSTEM BLOCK DIAGRAM
Features
MCP2122
Serial Communications:
UART, IR
Baud Rate Selection:
16XCLK
Low-power Mode:
Yes
Packages:
8-pin PDIP
8-pin SOIC
Encode
Decode
TX
TXIR
RX
RXIR
RESET
MCP2122
PIC®
SO
SI
TFDU 4300
TXD
RXD
Reset
Logic
Clock
Logic
16XCLK
Clock
Host UART
Interface
IR
Interface
Host Controller
Protocol Handler
Optical
Transceiver
(I/O)
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com