Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAS3NBLACK Datasheet(PDF) 1 Page - Belden Inc.

Part # STAS3NBLACK
Description  Rectangular Field Attachable Power Connector (ST Series): Male, straight with strain relief , 3-pinPE, black housing, 400 V AC/230 V DC, 16 A AC/10 A DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

STAS3NBLACK Datasheet(HTML) 1 Page - Belden Inc.

  STAS3NBLACK Datasheet HTML 1Page - Belden Inc. STAS3NBLACK Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: STAS 3 N black
Rectangular Field Attachable Power Connector (ST Series): Male, straight
with strain relief , 3-pin+PE, black housing, 400 V AC/230 V DC, 16 A AC/10 A
DC
Product Description
Rectangular Field Attachable Power Connector (ST Series): Male, straight with strain relief , 3-pin+PE, black housing, 400 V AC/230 V DC, 16 A AC/10 A DC
Technical Drawing
Technical Specifications
Technical Data
Product Family:
Power Connector
Product Sub Family:
ST-Series
Brand:
Hirschmann
Connector Type:
Field attachable
Type of Contact / Gender:
male
Connector Design:
Straight with strain relief
Number of Pins:
3+PE
Shielding:
Unshielded
Attachment Type:
safety bracket
Rated Voltage:
400 V AC / 250 V DC
Rated Impulse Voltage:
2.5 / 4.0 kV
Operating Voltage:
400 V AC / 230 V DC
Rated Current*:
16 A
Contact Resistance:
≤ 10 mOhm
Mating Cycles:
max. 50
Type of Connection:
screw terminal
Cable Gland:
PG 11
Conductor Cross Section:
0.25 mm² to 1.50 mm²
Strain-Relief:
Cable clamp
Suitable Cables:
Ø6 mm to Ø10 mm


Similar Part No. - STAS3NBLACK

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
STAS3NGREY BELDEN-STAS3NGREY Datasheet
348Kb / 2P
Rectangular Field Attachable Power Connector (ST Series): Male, straight with strain relief , 3-pinPE, grey housing, 400 V AC/230 V DC, 16 A AC/10 A DC
STAS3NV0BLACK BELDEN-STAS3NV0BLACK Datasheet
343Kb / 2P
Rectangular Field Attachable Power Connector (ST Series): Male, straight with strain relief , 3-pinPE, black housing, 400 V AC/230 V DC, 16 A AC/10 A DC
More results

Similar Description - STAS3NBLACK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1D32P7 ETC2-LC1D32P7 Datasheet
78Kb / 5P
32 A - 230 V AC coil
logo
Schneider Electric
LC1F400ED SCHNEIDER-LC1F400ED Datasheet
151Kb / 8P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 400 A - coil 48 V DC
Apr 22, 2021
LC1F400FD SCHNEIDER-LC1F400FD Datasheet
145Kb / 8P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 400 A - coil 110 V DC
Apr 22, 2021
LC1F400GD SCHNEIDER-LC1F400GD Datasheet
151Kb / 8P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 400 A - coil 125 V DC
Apr 22, 2021
LC1F400MD SCHNEIDER-LC1F400MD Datasheet
151Kb / 8P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 400 A - coil 220 V DC
Apr 22, 2021
LC1F400P7 SCHNEIDER-LC1F400P7 Datasheet
145Kb / 8P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 400 A - coil 230 V AC
Apr 22, 2021
LC1F800MW SCHNEIDER-LC1F800MW Datasheet
157Kb / 8P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 800 A - coil 220...230 V DC
Apr 22, 2021
LC1F800QW SCHNEIDER-LC1F800QW Datasheet
157Kb / 8P
TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 800 A - coil 400 V DC
Apr 22, 2021
logo
WAGO Kontakttechnik Gmb...
750-612 WAGO-750-612 Datasheet
457Kb / 11P
Power Supply; 0 ??230 V AC/DC
753-612 WAGO-753-612 Datasheet
383Kb / 11P
Power Supply; 0 ~ 230 V AC/DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com