Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-Q0603HQ-R10 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-Q0603HQ-R10
Description  High Q Ceramic Wirewound RF Inductor (AEC-Q200)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-Q0603HQ-R10 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-Q0603HQ-R10 Datasheet HTML 1Page - Abracon Corporation AISC-Q0603HQ-R10 Datasheet HTML 2Page - Abracon Corporation AISC-Q0603HQ-R10 Datasheet HTML 3Page - Abracon Corporation AISC-Q0603HQ-R10 Datasheet HTML 4Page - Abracon Corporation AISC-Q0603HQ-R10 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
AISC-Q0603HQ Series
1.80 x 1.12 x 1.02 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/21/2023
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Part Number
AISC-Q0603HQ-
Inductance Code
Inductance Tolerance
Typ. Quality
Factor@
250MHz
L/Q Test
Freq.
Typ. Quality
Factor @
900MHz
/1.7GHz
Max. DC
Resistance
Max. Rated
Current
Typ. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
Q
DCR
Ir
S.R.F
AISC-Q0603HQ-1N8
1.8
J, K
23
250
40/65
0.033
2100
16000
AISC-Q0603HQ-2N2
2.2
J, K
13
250
25/35
0.180
900
15000
AISC-Q0603HQ-3N0
3.0
J, K
35
250
65/85
0.024
1000
9500
AISC-Q0603HQ-3N3
3.3
J, K
32
250
67/104
0.024
1900
9600
AISC-Q0603HQ-3N6
3.6
G, J, K
40
250
70/116
0.031
1900
9700
AISC-Q0603HQ-3N9
3.9
G, J, K
35
250
68/108
0.039
1600
7500
AISC-Q0603HQ-4N3
4.3
G, J, K
30
250
58/91
0.080
1300
7500
AISC-Q0603HQ-4N7
4.7
G, J, K
26
250
48/75
0.100
1100
7900
AISC-Q0603HQ-5N1
5.1
G, J, K
40
250
84/140
0.036
1700
8900
AISC-Q0603HQ-5N6
5.6
G, J, K
48
250
87/456
0.036
1700
6600
AISC-Q0603HQ-6N0
6.0
G, J, K
49
250
94/154
0.036
1700
6000
AISC-Q0603HQ-6N8
6.8
G, J, K
42
250
88/143
0.042
1400
5800
AISC-Q0603HQ-7N2
7.2
G, J, K
48
250
96/139
0.052
1400
5400
AISC-Q0603HQ-7N5
7.5
G, J, K
41
250
81/12
0.080
1300
5300
AISC-Q0603HQ-8N2
8.2
G, J, K
46
250
96/148
0.054
1400
5900
AISC-Q0603HQ-8N7
8.7
G, J, K
46
250
97/149
0.054
1400
5500
AISC-Q0603HQ-9N1
9.1
G, J, K
40
250
76/109
0.037
1400
5100
AISC-Q0603HQ-9N5
9.5
G, J, K
49
250
98/149
0.053
1400
4900
AISC-Q0603HQ-10N
10
G, J, K
49
250
90/142
0.048
1400
4300
AISC-Q0603HQ-11N
11
G, J, K
41
250
78/108
0.058
1400
4100
AISC-Q0603HQ-12N
12
G, J, K
37
250
69/91
0.088
1100
4100
AISC-Q0603HQ-15N
15
G, J, K
48
250
83/124
0.078
1200
3600
AISC-Q0603HQ-16N
16
G, J, K
45
250
77/116
0.085
1100
3500
AISC-Q0603HQ-18N
18
G, J, K
41
250
76/100
0.066
1200
3300
AISC-Q0603HQ-22N
22
G, J, K
44
250
77/88
0.140
850
3150
AISC-Q0603HQ-23N
23
G, J, K
40
250
69/80
0.183
850
3000
AISC-Q0603HQ-24N
24
G, J, K
42
250
77/91
0.074
1100
2950
•
PPAP ready and supported
•
TS16949 certified production lines
•
AEC-Q200 (grade 1) qualified
•
Ceramic base with high SRF
•
Excellent DCR and current carrying characteristics.
•
Ultra-compact inductors
•
Tight tolerance down to ±2%
•
Automotive applications
•
Bluetooth, W-LAN, Broadband Network
•
Impedance matching networks
•
Filtering for high frequency communication
circuits
•
Video cameras, displays, and other electronic
devices.
Electrical Specifications
Applications
Features


Similar Part No. - AISC-Q0603HQ-R10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-Q0603HC ABRACON-AISC-Q0603HC Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HC-10N ABRACON-AISC-Q0603HC-10N Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HC-12N ABRACON-AISC-Q0603HC-12N Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HC-15N ABRACON-AISC-Q0603HC-15N Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HC-18N ABRACON-AISC-Q0603HC-18N Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
More results

Similar Description - AISC-Q0603HQ-R10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L08055R6CEWTR AVX-L08055R6CEWTR Datasheet
123Kb / 5P
SMD High-Q RF Inductor
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
TT Electronics.
HA65A TTELEC-HA65A Datasheet
473Kb / 2P
AEC-Q200 certified
logo
RENCO ELECTRONICS, INC.
RL-7700-3HQ RENCO-RL-7700-3HQ Datasheet
1Mb / 2P
HIGH Q CERAMIC WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com