Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-Q0603HQ-R18 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-Q0603HQ-R18
Description  High Q Ceramic Wirewound RF Inductor (AEC-Q200)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-Q0603HQ-R18 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-Q0603HQ-R18 Datasheet HTML 1Page - Abracon Corporation AISC-Q0603HQ-R18 Datasheet HTML 2Page - Abracon Corporation AISC-Q0603HQ-R18 Datasheet HTML 3Page - Abracon Corporation AISC-Q0603HQ-R18 Datasheet HTML 4Page - Abracon Corporation AISC-Q0603HQ-R18 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
High Q Ceramic Wirewound RF Inductor (AEC-Q200)
AISC-Q0603HQ Series
1.80 x 1.12 x 1.02 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/21/2023
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions:
Inductance, Q, SRF: HP4286/E4982A
DCR: Micro-Ohm meter (Gom-801G)/E4982A
IDC: Applied the current to coils, the temperature of coil increases ΔT15℃(Ta=25℃).
Operating Temperature: -40°C to +125°C
Components Storage Temperature: -40°C to +125°C
Tape and Reel packaging Temperature: 15~28°C; < 80% RH
AISC-Q0603HQ is AEC-Q200 Qualified
AISC-Q0603HQ Series is RoHS Compliant and Pb free
Part Number
Inductance Tolerance
Typ.
Quality
Factor @
250MHz
L/Q Test
Freq.
Typ.
Quality
Factor @
900MHz/
1.7GHz
Max. DC
Resistance
Max. Rated
Current
Typ. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-Q0603HQ-27N
27
G, J, K
44
250
74/84
0.150
780
2800
AISC-Q0603HQ-30N
30
G, J, K
49
250
82/82
0.130
920
2800
AISC-Q0603HQ-33N
33
G, J, K
45
250
76/80
0.170
680
2700
AISC-Q0603HQ-36N
36
G, J, K
44
250
69/64
0.225
720
2500
AISC-Q0603HQ-39N
39
G, J, K
48
250
78/74
0.190
680
2450
AISC-Q0603HQ-43N
43
G, J, K
45
250
83/76
0.170
810
2450
AISC-Q0603HQ-47N
47
G, J, K
47
200
77/72
0.240
680
2300
AISC-Q0603HQ-51N
51
G, J, K
49
200
73/62
0.280
660
2300
AISC-Q0603HQ-56N
56
G, J, K
50
200
74/56
0.300
610
2200
AISC-Q0603HQ-68N
68
G, J, K
46
200
73/49
0.330
600
2000
AISC-Q0603HQ-72N
72
G, J, K
34
150
50/38
0.350
580
1700
AISC-Q0603HQ-75N
75
G, J, K
46
150
71/-
0.52
500
1900
AISC-Q0603HQ-82N
82
G, J, K
45
150
62/-
0.46
510
1800
AISC-Q0603HQ-91N
91
G, J, K
45
150
64/-
0.58
440
1650
AISC-Q0603HQ-R10
100
G, J, K
49
150
69/-
0.54
470
1700
AISC-Q0603HQ-R11
110
G, J, K
47
150
63/-
0.58
440
1600
AISC-Q0603HQ-R12
120
G, J, K
47
150
61/-
0.72
420
1550
AISC-Q0603HQ-R15
150
G, J, K
47
150
57/-
0.82
390
1350
AISC-Q0603HQ-R18
180
G, J, K
48
100
50/-
1.50
310
1300
AISC-Q0603HQ-R20
200
G, J, K
47
100
47/-
2.00
280
1250
AISC-Q0603HQ-R21
210
G, J, K
48
100
45/-
2.00
280
1200
AISC-Q0603HQ-R22
220
G, J, K
47
100
41/-
2.00
280
1100
AISC-Q0603HQ-R25
250
G, J, K
45
100
-/-
3.00
240
1050
AISC-Q0603HQ-R27
270
G, J, K
46
100
-/-
2.25
260
1050
AISC-Q0603HQ-R30
300
G, J, K
47
100
-/-
2.80
220
990
AISC-Q0603HQ-R33
330
G, J, K
46
100
-/-
3.60
180
930
AISC-Q0603HQ-R36
360
G, J, K
47
100
-/-
4.00
170
930
AISC-Q0603HQ-R39
390
G, J, K
47
100
-/-
4.00
170
880
Electrical Specifications (Cont’d)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com