Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT666 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HT666
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HT666 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HT666 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HT666 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HT666 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HT666 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6464
Issued Date : 1993.09.07
Revised Date : 2005.02.15
Page No. : 1/4
HT666
HSMC Product Specification
HT666
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HT666 is designed for general purpose amplifier and high-speed,medium-
power switching applications.
Features
• High Frequency Current Gain
• High Speed Switching Transistor
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................................................... -55 ~ +150
°C
Junction Temperature ................................................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (T
A=25°C) ............................................................................................................... 625 mW
• Maximum Voltages and Currents (T
A=25°C)
BV
CBO Collector to Base Voltage ......................................................................................................................... 75 V
BV
CEO Collector to Emitter Voltage...................................................................................................................... 40 V
BV
EBO Emitter to Base Voltage .............................................................................................................................. 6 V
I
C Collector Current ........................................................................................................................................ 600 mA
Electrical Characteristics (T
A=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BV
CBO
75
-
-
V
I
C=10uA
*BV
CEO
40
-
-
V
I
C=100mA
BV
EBO
6-
-
V
I
E=10uA
I
CBO
-
-
10
nA
V
CB=60V
I
CEX
-
-
10
nA
V
CB=60V, VEB(off)=3V
I
EBO
-
-
50
nA
V
EB=3V
*V
CE(sat)1
-
-
300
mV
I
C=150mA, IB=15mA
*V
CE(sat)2
--
1
V
I
C=500mA, IB=50mA
*V
BE(sat)1
--
1.2
V
I
C=150mA, IB=15mA
*V
BE(sat)2
--
2
V
I
C=500mA, IB=50mA
*h
FE1
35
---
V
CE=10V, IC=100uA
*h
FE2
50
---
V
CE=10V, IC=1mA
*h
FE3
75
---
V
CE=10V, IC=10mA
*h
FE4
100
300
-
V
CE=10V, IC=150mA
*h
FE5
40
---
V
CE=10V, IC=500mA
*h
FE6
50
---
V
CE=1V, IC=150mA
f
T
300
-
-
MHz
I
C=20mA, VCE=20V, f=100MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
TO-92


Similar Part No. - HT666

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F002 HOLTEK-HT66F002 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F0025 HOLTEK-HT66F0025 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F003 HOLTEK-HT66F003 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F004 HOLTEK-HT66F004 Datasheet
6Mb / 144P
Cost-Effective A/D Flash MCU with EEPROM
April 11, 2017
HT66F0042 HOLTEK-HT66F0042 Datasheet
7Mb / 178P
A/D Flash MCU with EEPROM
December 05, 2016
More results

Similar Description - HT666

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com