Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVR250P080C/U Datasheet(PDF) 2 Page - Littelfuse

Part # HVR250P080C/U
Description  power contact and the natural lightning strike.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HVR250P080C/U Datasheet(HTML) 2 Page - Littelfuse

  HVR250P080C/U Datasheet HTML 1Page - Littelfuse HVR250P080C/U Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
040706
www.littelfuse.com
POLYFUSE® RESETTABLE FUSES
No. HVR250
Thermal Derating Chart
Model
Ambient Operation Temperature - I
hold (A)
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
HVR250P080C/U
0.12
0.11
0.09
0.08
0.06
0.05
0.05
0.04
0.03
HVR250P080CF
0.12
0.11
0.09
0.08
0.06
0.05
0.05
0.04
0.03
HVR250P110U
0.17
0.15
0.13
0.11
0.09
0.08
0.07
0.05
0.04
HVR250P120C/U
0.18
0.16
0.14
0.12
0.10
0.09
0.08
0.06
0.05
HVR250P145C/U
0.26
0.20
0.17
0.145
0.12
0.11
0.09
0.08
0.06
HVR250P180C/U
0.27
0.23
0.21
0.18
0.15
0.13
0.19
0.11
0.083
HVR250P180CF
0.28
0.23
0.21
0.18
0.16
0.13
0.10
0.11
0.083
A : HVR250P180C / HVR250P180F
B : HVR250P145C
C : HVR250P120C
D : HVR250P080F
Average time-current curve
Part-numbering system
F: Tape and ammo packaging
Resistance Bin Range (05:0.5 Ohm, 10: 1.0 Ohm)
Rx: Resistance Range (x:A-Z or 1-9)
T: Pre-tripped device
F: Lead free device
C: Coated device / U: Uncoated device
Current Rating
Polyfuse
Voltage Rating
High Voltage Radial Device
Agency Specification
select a specific part number for
each application based on the
agency request
HVR
P
Product
Lightning
Power Cross
HVR250P080F ITU K.20/21/45 - 1.5 kV 10/700 μs
ITU K.20/21/45 - 230 V ac, 10 Ω
HVR250P120C
ITU K.20/21/45 - 4 kV 10/700 μs
ITU K.20/21/45 - 600 V ac, 600 Ω
HVR250P145C
HVR250P180C ITU K.20/21/45 - 1.5 kV 10/700 μs
ITU K.20/21/45 - 230 V ac, 10 Ω
HVR250P180F ITU K.20/21/45 - 4 kV 10/700 μs
ITU K.20/21/45 - 600 V ac, 600 Ω
Telcordia GR-974 - 1.0 kV 10/1000 μs Telcordia GR-974 - 283 V ac, 10 A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com