Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ASD15
Description  Isolated and Regulated 15 WATT Modular DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASD15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ASD15 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASD15 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASD15 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 15 WATT Modular DC/DC Converters
a s d 1 5 series
WWW.asTROdYNE.COM
asTROdYNE Usa: 1-800-823-8082
asTROdYNE EUROPE: 353 51 561060
asTROdYNE PaCIFIC: 886-2-26983458
OUTPUT dERaTING CURVE
MECHaNICaL dIMENsIONs
Pin #
single Outputs
dual Outputs
1
+ Input
+ Input
2
- Input
- Input
3
No Pin
No Pin
4
Control
Control
5
No Pin
+ Output
6
+ Output
Out. Ret.
7
Out. Ret.
- Output
8
Trim
Trim
1.60
(40.64)
.30
(7.62)
(10.16)
.40
1.80
(45.72)
2.00
(50.80)
.10
(2.54)
(5.08)
.20
(10.16)
.40
.80
(20.32)
1.20
(30.48)
(15.24)
.60
(9.52)
.375
(3.05)
.12
SQ.
(0.80)
.031
BOTTOM VIEW
DIMENSION=
INCH
(mm)
1
2
4
5
6
7
8
-25 -20 -10
0
10 20 30 40 50 60 70 80 90
Ambient Temp, ° C
2
4
6
8
10
0
12
14
16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com