Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11622 Datasheet(PDF) 1 Page - Belden Inc.

Part # 11622
Description  7/8" Power Receptacle Connector: Male, front mount, 3-pin(2PE), silver housing, 230 V AC/DC, 12 A, 0.75 mm²
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

11622 Datasheet(HTML) 1 Page - Belden Inc.

  11622 Datasheet HTML 1Page - Belden Inc. 11622 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: RSF 30/11-01
7/8" Power Receptacle Connector: Male, front mount, 3-pin(2+PE), silver
housing, 230 V AC/DC, 12 A, 0.75 mm²
Product Description
7/8" Power Receptacle Connector: Male, front mount, 3-pin(2+PE), silver housing, 230 V AC/DC, 12 A, 0.75 mm²
Technical Drawing
Technical Specifications
Face View
Pin 1
Pin 2
Pin 3
brown green-yellow blue
Technical Data
Product Family:
Power Connector
Product Sub Family:
7/8"
Brand:
Lumberg Automation
Connector Type:
Receptacle
Type of Contact / Gender:
male
Connector Design:
front mount
Number of Pins:
3
Shielding:
Unshielded
Rated Voltage:
250 V AC/DC
Operating Voltage:
230 V AC/DC
Rated Current*:
12 A
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Ambient Temperature (Operation)*: -25 °C to +90 °C
Protection Degree / IP Rating**:
IP68
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)


Similar Part No. - 11622

ManufacturerPart #DatasheetDescription
logo
Pro-Power
1162200050 PROPOWER-1162200050 Datasheet
152Kb / 2P
Cable Gland and Locknut
09/06/12 V1.1
logo
ITT Industries
11622100100 ITT-11622100100 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
11622100101 ITT-11622100101 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
11622100102 ITT-11622100102 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
11622100103 ITT-11622100103 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
More results

Similar Description - 11622

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-00004 CONEC-41-00004 Datasheet
182Kb / 1P
Male connector 7/8", 2posPE
41-00006 CONEC-41-00006 Datasheet
184Kb / 1P
Male connector 7/8", 4posPE
logo
Neutrik AG
NC3MD-V NEUTRIK-NC3MD-V Datasheet
160Kb / 3P
3 pole male receptacle, vertical PCB mount, Nickel housing, silver contacts
NC3MD-H NEUTRIK-NC3MD-H Datasheet
94Kb / 3P
3 pole male receptacle, horizontal PCB mount, Nickel housing, silver contacts
NC7MD-L-1 NEUTRIK-NC7MD-L-1 Datasheet
66Kb / 3P
7 pole male receptacle, solder cups, Nickel housing, silver contacts
NC7MD-LX NEUTRIK-NC7MD-LX Datasheet
121Kb / 3P
7 pole male receptacle, solder cups, Nickel housing, silver contacts
logo
Schneider Electric
LC1D123P7 SCHNEIDER-LC1D123P7 Datasheet
119Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 230 V AC coil
Jan 4, 2021
LC1D126P7 SCHNEIDER-LC1D126P7 Datasheet
141Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 230 V AC coil
Jan 4, 2021
logo
WAGO Kontakttechnik Gmb...
750-612 WAGO-750-612 Datasheet
457Kb / 11P
Power Supply; 0 ??230 V AC/DC
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com