Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSWT5L-RKT5L-1001SW Datasheet(PDF) 1 Page - Belden Inc.

Part # RSWT5L-RKT5L-1001SW
Description  M12 Power Double-Ended Cordset: Male angled to Female straight, 5-pin(4FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSWT5L-RKT5L-1001SW Datasheet(HTML) 1 Page - Belden Inc.

  RSWT5L-RKT5L-1001SW Datasheet HTML 1Page - Belden Inc. RSWT5L-RKT5L-1001SW Datasheet HTML 2Page - Belden Inc. RSWT5L-RKT5L-1001SW Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSWT 5L-RKT 5L-1001 SW
M12 Power Double-Ended Cordset: Male angled to Female straight,
5-pin(4+FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE black cable,
1.50 mm²
Product Description
M12 Power Double-Ended Cordset: Male angled to Female straight, 5-pin(4+FE), L-coded, black body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
Technical Drawing
Technical Specifications
Product Description
Product Family:
Power Connector
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended


Similar Part No. - RSWT5L-RKT5L-1001SW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RSWT5K-911 BELDEN-RSWT5K-911 Datasheet
547Kb / 3P
M12 Power Single-Ended Cordset: Male, angled, 5-pin(4PE), K-coded, blue body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
More results

Similar Description - RSWT5L-RKT5L-1001SW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200020138 MOLEX-1200020138 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200020141 MOLEX-1200020141 Datasheet
28Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200070586 MOLEX-1200070586 Datasheet
51Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200668347 MOLEX-1200668347 Datasheet
51Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200668487 MOLEX-1200668487 Datasheet
51Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200668497 MOLEX-1200668497 Datasheet
51Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200668509 MOLEX-1200668509 Datasheet
51Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200668511 MOLEX-1200668511 Datasheet
51Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
1200668684 MOLEX-1200668684 Datasheet
50Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com