Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1185ACSW.TR Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1185ACSW.TR
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1185ACSW.TR Datasheet(HTML) 3 Page - Semtech Corporation

  SC1185ACSW.TR Datasheet HTML 1Page - Semtech Corporation SC1185ACSW.TR Datasheet HTML 2Page - Semtech Corporation SC1185ACSW.TR Datasheet HTML 3Page - Semtech Corporation SC1185ACSW.TR Datasheet HTML 4Page - Semtech Corporation SC1185ACSW.TR Datasheet HTML 5Page - Semtech Corporation SC1185ACSW.TR Datasheet HTML 6Page - Semtech Corporation SC1185ACSW.TR Datasheet HTML 7Page - Semtech Corporation SC1185ACSW.TR Datasheet HTML 8Page - Semtech Corporation SC1185ACSW.TR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1185 & SC1185A
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
s
n
o
i
t
c
e
S
r
a
e
n
i
L
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
QV
2
1
=
V
O
D
L5
A
m
1
O
D
L
e
g
a
tl
o
V
t
u
p
t
u
O
9
6
4
.
20
0
5
.
21
3
5
.
2V
2
O
D
L
e
g
a
tl
o
V
t
u
p
t
u
O
1
8
4
.
10
0
5
.
19
1
5
.
1V
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
Rf
e
r
I<
A
µ
0
0
16
4
2
.
15
6
2
.
14
8
2
.
1V
A
(
n
i
a
G
L
O ))
2
,
1
(
E
T
A
G
o
t
)
2
,
1
(
S
O
D
L0
9B
d
n
o
it
a
l
u
g
e
R
d
a
o
LI
O
A
8
o
t
0
=3
.
0%
n
o
it
a
l
u
g
e
R
e
n
i
L
3
.
0%
e
c
n
a
d
e
p
m
I
t
u
p
t
u
OV
5
.
6
=
E
T
A
G
V1
5
.
1
Ω
e
c
n
a
d
e
p
m
I
n
w
o
d
ll
u
P
e
t
a
GV
O
=
V
O
D
L
=
C
C
V
;
D
N
G
A
-
)
2
,
1
(
E
T
A
G0
80
0
30
5
7k
Ω
e
c
n
a
d
e
p
m
I
E
S
N
E
S
O
V
0
1k
Ω
NOTE:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
Unless specified: V
CC = 4.75V to 5.25V; GND = PGND = 0V; VOSENSE = VO; 0mV < (CS+-CS-) < 60mV; LDOV = 11.4V to 12.6V; TA = 0 to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com