Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FV2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STR750FV2
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV2 Datasheet(HTML) 1 Page - STMicroelectronics

  STR750FV2 Datasheet HTML 1Page - STMicroelectronics STR750FV2 Datasheet HTML 2Page - STMicroelectronics STR750FV2 Datasheet HTML 3Page - STMicroelectronics STR750FV2 Datasheet HTML 4Page - STMicroelectronics STR750FV2 Datasheet HTML 5Page - STMicroelectronics STR750FV2 Datasheet HTML 6Page - STMicroelectronics STR750FV2 Datasheet HTML 7Page - STMicroelectronics STR750FV2 Datasheet HTML 8Page - STMicroelectronics STR750FV2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
July 2007
Rev 3
1/81
1
STR750Fxx STR751Fxx
STR752Fxx STR755Fxx
ARM7TDMI-S™ 32-bit MCU with Flash, SMI, 3 std 16-bit timers,
PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
Features
■ Core
– ARM7TDMI-S 32-bit RISC CPU
– 54 DMIPS @ 60 MHz
■ Memories
– Up to 256 KB Flash program memory (10k
W/E cycles, retention 20 yrs @ 85°C)
– 16 KB Read-While-Write Flash for data
(100k W/E cycles, retention 20 yrs@ 85°C)
– Flash Data Readout and Write Protection
– 16KBytes embedded high speed SRAM
– Memory mapped interface (SMI) to ext.
Serial Flash (64 MB) w. boot capability
■ Clock, Reset and Supply Management
– Single supply 3.3V ±10% or 5V ±10%
– Embedded 1.8V Voltage Regulators
– Int. RC for fast start-up and backup clock
– Up to 60 MHz operation using internal PLL
with 4 or 8 MHz crystal/ceramic osc.
– Smart Low Power Modes: SLOW, WFI,
STOP and STANDBY with backup registers
– Real Time Clock, driven by low power
internal RC or 32.768 kHz dedicated osc,
for clock-calendar and Auto Wake-up
■ Nested interrupt controller
– Fast interrupt handling with 32 vectors
– 16 IRQ priorities, 2 maskable FIQ sources
– 16 external interrupt / wake-up lines
■ DMA
– 4-channel DMA controller
– Circular buffer management
– Support for UART, SSP, Timers, ADC
■ 6 Timers
– 16-bit watchdog timer (WDG)
– 16-bit timer for system timebase functions
– 3 synchronizable timers each with up to 2
input captures and 2 output
compare/PWMs.
– 16-bit 6-ch. synchronizable PWM timer
– Dead time generation, edge/center-aligned
waveforms and emergency stop
– Ideal for induction/brushless DC motors
■ 8 Communications Interfaces
–1 I2C interface
– 3 HiSpeed UARTs w. Modem/LIN capability
– 2 SSP interfaces (SPI or SSI) up to 16 Mb/s
– 1 CAN interface (2.0B Active)
– 1 USB full-speed 12 Mb/s interface with 8
configurable endpoint sizes
■ 10-bit A/D Converter
– 16/11 chan. with prog. Scan Mode & FIFO
– Programmable Analog Watchdog feature
– Conversion time: min. 3.75 µs
– Start conversion can be triggered by timers
■ Up to 72/38 I/O ports
– 72/38 GPIOs with High Sink capabilities
– Atomic bit SET and RES operations
Table 1.
Device summary
Reference
Root part number
STR750Fxx STR750FV0, STR750FV1, STR750FV2
STR751Fxx STR751FR0, STR751FR1, STR751FR2
STR752Fxx STR752FR0, STR752FR1, STR752FR2
STR755Fxx
STR755FR0, STR755FR1, STR755FR2
STR755FV0, STR755FV1, STR755FV2
LQFP64 10x10 mm
LQFP100 14 x 14 mm
LFBGA64
8 x 8 x 1.7 mm
LFBGA100
10 x 10 x 1.7 mm
www.st.com


Similar Part No. - STR750FV2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR750FV2 STMICROELECTRONICS-STR750FV2 Datasheet
2Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
23-Oct-2007
STR750FV2 STMICROELECTRONICS-STR750FV2 Datasheet
1Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
17-Feb-2009
STR750FV2H6 STMICROELECTRONICS-STR750FV2H6 Datasheet
1Mb / 73P
ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
30-Oct-2006
STR750FV2H6 STMICROELECTRONICS-STR750FV2H6 Datasheet
2Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
23-Oct-2007
STR750FV2H6 STMICROELECTRONICS-STR750FV2H6 Datasheet
1Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
17-Feb-2009
More results

Similar Description - STR750FV2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
19-Apr-2005
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
22-May-2006
STR750F STMICROELECTRONICS-STR750F Datasheet
1Mb / 73P
ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
30-Oct-2006
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
20-Mar-2007
STR750FXX STMICROELECTRONICS-STR750FXX_1 Datasheet
2Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
23-Oct-2007
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
13-Feb-2008
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
08-Jun-2008
STR750FXX STMICROELECTRONICS-STR750FXX_09 Datasheet
1Mb / 84P
ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
17-Feb-2009
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
03-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com