Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF002. Datasheet(PDF) 1 Page - Littelfuse

Part # BLF002.
Description  Axial Lead and Cartridge Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BLF002. Datasheet(HTML) 1 Page - Littelfuse

  BLF002. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
467
www .littelfuse .com
11
Midget
Laminated Body Fast-Acting Type BLF Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
135%
1 hour,
Maximum
200%
2 minutes,
Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA.
INTERRUPTING RATING: 10,000 amperes at rated VAC.
NOTE: Not recommended for applications in humid areas.
Fibre Body Fast-Acting Type BLN Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
135%
1 hour,
Maximum
200%
2 minutes,
Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA.
INTERRUPTING RATING: 10,000 amperes at 250 VAC.
FUSES TO MIL SPEC: See F09A type in Military Section.
ORDERING INFORMATION:
Cartridge
Nominal
Catalog
Ampere
AC Voltage
Resistance
Number
Rating
Rating
Cold Ohms
BLF .500
.500
250
1.57
BLF 001.
1
250
.395
BLF 1.5
1.5
250
.2191
BLF 002.
2
250
.125
BLF 2.5
2.5
250
.0946
BLF 003.
3
250
.0696
BLF 004.
4
250
.0432
BLF 005.
5
250
.0413
BLF 006.
6
260
.02842
BLF 6.25
6.25
250
.02741
BLF 007.
7
250
.02282
BLF 008.
8
250
.01664
BLF 009.
9
250
.01364
BLF 010.
10
250
.01097
BLF 012.
12
250
.00920
BLF 015.
15
250
.00684
BLF 020.
20
125
.00528
BLF 025.
25
125
.00378
BLF 030.
30
125
.00289
ORDERING INFORMATION:
Cartridge
Nominal
Catalog
Ampere
AC Voltage
Resistance
Number
Rating
Rating
Cold Ohms
BLN 1
1
250
.395
BLN 1 1/2
1.5
250
.222
BLN 2*
2
250
.125
BLN 3
3
250
.071
BLN 4
4
250
.0432
BLN 5
5
250
.0413
BLN 6
6
250
.0284
BLN 8
8
250
.0166
BLN 10
10
250
.011
BLN 12
12
250
.00920
BLN 15
15
250
.00684
BLN 20
20
250
.0036
BLN 25
25
250
.00270
BLN 30
30
250
.00230
* 2 A device not lead-free or RoHS compliant
®
UL
®
QPL
38.1
(1.50")
10.31
(.406")
38.1
(1.50")
10.31
(.406")
®
UL
®
11
RoHS
Pb


Similar Part No. - BLF002.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLF002 LITTELFUSE-BLF002 Datasheet
383Kb / 2P
Fast-acting Midget / 5AG Size Fuse
BLF002 LITTELFUSE-BLF002 Datasheet
845Kb / 2P
BLF Series Fast-acting Midget / 5AG Size Fuse
Revised: April 12, 2021
More results

Similar Description - BLF002.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
272 LITTELFUSE-272 Datasheet
93Kb / 1P
Axial Lead and Cartridge Fuses
LT-5 LITTELFUSE-LT-5 Datasheet
91Kb / 1P
Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
Axial Lead and Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
Axial Lead and Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com